Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6863 Datasheet(PDF) 13 Page - MOSA ELECTRONICS

Part # MS6863
Description  Dual 2W Power Amplifiers / Stereo Headphone Low Voltage, Pop Noise Free Fun
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6863 Datasheet(HTML) 13 Page - MOSA ELECTRONICS

Back Button MS6863 Datasheet HTML 6Page - MOSA ELECTRONICS MS6863 Datasheet HTML 7Page - MOSA ELECTRONICS MS6863 Datasheet HTML 8Page - MOSA ELECTRONICS MS6863 Datasheet HTML 9Page - MOSA ELECTRONICS MS6863 Datasheet HTML 10Page - MOSA ELECTRONICS MS6863 Datasheet HTML 11Page - MOSA ELECTRONICS MS6863 Datasheet HTML 12Page - MOSA ELECTRONICS MS6863 Datasheet HTML 13Page - MOSA ELECTRONICS MS6863 Datasheet HTML 14Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
MOSA
MS6863
Dual 2W Power Amplifiers with Stereo Headphone
REV 1
13
www.mosanalog.com
DEMO BOARD
4
1
3
3
5
6
2
2
Function description
Label 1: Supply Input
Supply voltage range is 2.7V to 5.5V, the left of jump is positive, the right of jump is negative.
Label 2: Signal Input
Connected to audio signals.
Label 3: Speaker Output
Connected to speaker with 8ohm or 4 ohm
Label 4: Headphone Jack
Used 3.5mm diameter of headphone with 32ohm
Label 5: Shutdown Control
System is active mode when jump is close, system enters shutdown mode when jump is open.
Label 6: Shutdown Power Preparation
It is compatible for LM4863 when jump is close. This is the same as connect to ground.
When jump is open, it can be used the extra function of the MS6863. The details please refer to application information.
SE mode and BTL mode operation
The headphone controls operational mode. System enters SE mode when headphone jack is empty.
When a set of headphone plugged into the jack, the system switched to BTL mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com