Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDI-EAA-RVGXX Datasheet(PDF) 24 Page - PowerDynamics, Inc

Part # PDI-EAA-RVGXX
Description  D-SUB CONNECTORS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PDI-EAA-RVGXX Datasheet(HTML) 24 Page - PowerDynamics, Inc

Back Button PDI-EAA-RVGXX Datasheet HTML 20Page - PowerDynamics, Inc PDI-EAA-RVGXX Datasheet HTML 21Page - PowerDynamics, Inc PDI-EAA-RVGXX Datasheet HTML 22Page - PowerDynamics, Inc PDI-EAA-RVGXX Datasheet HTML 23Page - PowerDynamics, Inc PDI-EAA-RVGXX Datasheet HTML 24Page - PowerDynamics, Inc PDI-EAA-RVGXX Datasheet HTML 25Page - PowerDynamics, Inc PDI-EAA-RVGXX Datasheet HTML 26Page - PowerDynamics, Inc PDI-EAA-RVGXX Datasheet HTML 27Page - PowerDynamics, Inc PDI-EAA-RVGXX Datasheet HTML 28Page - PowerDynamics, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
196
145 Algonquin Parkway, Whippany, NJ 07981 • 973-560-0019 • FAX: 973-560-0076
e-mail: sales@powerdynamics.com •
www.powerdynamics.com
7
7
GENDER:
S
-
PDR
A
= S
= R
MALE
FEMALE
CRIMP PIN REEL
EXAMPLE & ORDERING CODE
WIRE GAUGE:
= A
= B
= C
20 - 22 AWG
24 - 26 AWG
28 - 30 AWG HIGH DENSITY
Male Contacts:
Material:
Brass
Plating:
Gold Plate over Nickel
Thickness:
Gold Flash
40
µ" Nickel base
Female Contacts:
Material:
Phosphor Bronze
Plating:
Gold Plate over Nickel
Thickness:
Gold Flash
40
µ" Nickel base
SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com