Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6853TU Datasheet(PDF) 9 Page - MOSA ELECTRONICS

Part # MS6853TU
Description  Mono 1.9W / Stereo 300mW Power Amplifier Low Voltage Operation, Pop Noise Free
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6853TU Datasheet(HTML) 9 Page - MOSA ELECTRONICS

Back Button MS6853TU Datasheet HTML 4Page - MOSA ELECTRONICS MS6853TU Datasheet HTML 5Page - MOSA ELECTRONICS MS6853TU Datasheet HTML 6Page - MOSA ELECTRONICS MS6853TU Datasheet HTML 7Page - MOSA ELECTRONICS MS6853TU Datasheet HTML 8Page - MOSA ELECTRONICS MS6853TU Datasheet HTML 9Page - MOSA ELECTRONICS MS6853TU Datasheet HTML 10Page - MOSA ELECTRONICS MS6853TU Datasheet HTML 11Page - MOSA ELECTRONICS MS6853TU Datasheet HTML 12Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MOSA
MS6853
Mono 1.9W / Stereo 300mW Power Amplifier
REV 1.1
9
www.mosanalog.com
EXTERNAL DIMENSIONS
MSOP10 (Thermal Pad)
A
A1
B
C
L
D
H
E
A2
Thermal Pad
e
W1
W2
θ
TSSOP14
D
E1 E
C
L
θ
A
A2
A1
b
e
Dimension in mm
Dimension in inches
Symbol
Min
Nom
Max
Min
Nom
Max
A
0.81
0.92
1.12
0.032
0.036
0.044
A1
0.05
-
0.15
0.002
-
0.006
A2
0.76
0.86
0.97
0.030
0.034
0.038
b
0.15
0.20
0.30
0.006
0.008
0.012
c
0.13
0.15
0.23
0.005
0.006
0.009
D
2.90
3.00
3.10
0.114
0.118
0.122
H
4.70
4.90
5.10
0.185
0.193
0.201
E
2.90
3.00
3.10
0.114
0.118
0.122
e
0.50 BASIC
0.02 BASIC
L
0.40
0.53
0.66
0.016
0.021
0.026
θ
0o
-
6o
0o
-
6o
W1
1.27
-
1.52
0.050
-
0.060
W2
1.02
-
1.27
0.040
-
0.050
Dimension in mm
Dimension in inches
Symbol
Min
Nom
Max
Min
Nom
Max
A
-
-
1.20
-
-
0.047
A1
0.05
-
0.15
0.002
-
0.006
A2
0.80
1.00
1.05
0.031
0.039
0.041
b
0.19
-
0.30
0.007
-
0.012
C
0.09
-
0.20
0.0035
-
0.008
D
4.90
5.00
5.10
0.193
0.197
0.201
E
-
6.40
-
-
0.026
-
E1
4.3
4.4
4.5
0.170
0.173
0.177
e
0.650 BASIC
0.026 BASIC
L
0.45
0.60
0.75
0.0177
0.024
0.0295
θ
0
o
-
8
o
0
o
-
8
o



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com