Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCC Datasheet(PDF) 1 Page - STATS ChipPAC, Ltd.

Part # BCC
Description  Bump Chip Carrier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STATSCHIP [STATS ChipPAC, Ltd.]
Direct Link  http://www.statschippac.com
Logo STATSCHIP - STATS ChipPAC, Ltd.

BCC Datasheet(HTML) 1 Page - STATS ChipPAC, Ltd.

  BCC Datasheet HTML 1Page - STATS ChipPAC, Ltd. BCC Datasheet HTML 2Page - STATS ChipPAC, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.statschippac.com
FEATURES
• Body sizes: 4 x 4mm to 9 x 9mm
• Lead pitch: 0.50mm and 0.80mm
• Custom body / lead / pitch configurations available
• Package profile heights (overall): maximum 0.80mm
• Both single row & dual row design
• Ni / Pd / Au plated bumps
• Excellent thermal and electrical performance
• Full in-house package and leadframe design capability
• Full in-house electrical, thermal and mechanical
simulation and measurement capability
• JEDEC standard compliant
APPLICATIONS
•RF
• Power Management
• Analog/Linear
• Logic
• Applications requiring enhanced electrical and thermal
performance and reduced package size and weight
• Saw singulated format
• Package height 0.8mm max.
• Square body size (rectangular body designable)
• Staggered dual row or single row bump design
DESCRIPTION
STATS ChipPAC’s Bump Chip Carrier (BCC) technology pro-
duces a chip scale leadframe based molded package with
bumps which are formed after the leadframe is etched away.
An exposed die pad coupled with extremely low RLC provides
excellent electrical and thermal performance enhancements
which are ideal for high frequency and high power applica-
tions especially for handheld portable applications such as
cell phones. The BCC is manufactured in a molded array
format that maximizes product throughput and material
utilization. The BCC is available with single row and dual row
bumps in BCC++ and BCC+. Overall package profile height is
0.80mm maximum.
BCC
Bump Chip Carrier
BCC++ (exposed paddle with ground ring)
BCC+ (exposed paddle without ground ring)
BCCs++ (staggered dual row design)


Similar Part No. - BCC

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
BCC XPPOWER-BCC Datasheet
292Kb / 2P
Wide Operating Temperature Range
logo
Balluff Korea Ltd.
BCC0069 BALLUFF-BCC0069 Datasheet
93Kb / 2P
Single-Ended Cordsets
0.67_2022-04-13
BCC006A BALLUFF-BCC006A Datasheet
93Kb / 2P
Single-Ended Cordsets
0.65_2022-04-13
BCC006C BALLUFF-BCC006C Datasheet
93Kb / 2P
Single-Ended Cordsets
0.66_2022-04-13
BCC006E BALLUFF-BCC006E Datasheet
93Kb / 2P
Single-Ended Cordsets
0.65_2021-12-17
More results

Similar Description - BCC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4AGSBP907 MACOM-MA4AGSBP907 Datasheet
161Kb / 5P
AlGaAs Solder Bump Flip-Chip PIN Diode
MADS-001317-1320AG MACOM-MADS-001317-1320AG Datasheet
130Kb / 3P
GaAs Solder Bump Flip Chip Schottky Diode
logo
M/A-COM Technology Solu...
MA4AGSBP907 MA-COM-MA4AGSBP907 Datasheet
178Kb / 5P
AlGaAs Solder Bump Flip-Chip PIN Diode
MADS-001317-1320AG MA-COM-MADS-001317-1320AG Datasheet
151Kb / 3P
GaAs Solder Bump Flip Chip Schottky Diode
logo
Assmann Electronics Inc...
A-CCSXX-X-XXX-R ASSMANN-A-CCSXX-X-XXX-R Datasheet
146Kb / 1P
CHIP-CARRIER-SOCKETS,SMD
A-CCS-028-Z-SM ASSMANN-A-CCS-028-Z-SM Datasheet
248Kb / 1P
Chip Carrier sockets, SMT
A-CCS-052-Z-SM ASSMANN-A-CCS-052-Z-SM Datasheet
248Kb / 1P
Chip Carrier sockets, SMT
logo
KODENSHI_AUK CORP.
KP3014R64A1B KODENSHI-KP3014R64A1B Datasheet
147Kb / 5P
Plastic leaded chip carrier
KP3014Y59A1B KODENSHI-KP3014Y59A1B Datasheet
148Kb / 5P
Plastic leaded chip carrier
KP3020BSKA2C-GD KODENSHI-KP3020BSKA2C-GD Datasheet
172Kb / 5P
Plastic leaded chip carrier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com