Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DVCH2800D Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # DVCH2800D
Description  HIGH RELIABILITY HYBRID DC-DC CONVERTERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DVCH2800D Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  DVCH2800D Datasheet HTML 1Page - Delta Electronics, Inc. DVCH2800D Datasheet HTML 2Page - Delta Electronics, Inc. DVCH2800D Datasheet HTML 3Page - Delta Electronics, Inc. DVCH2800D Datasheet HTML 4Page - Delta Electronics, Inc. DVCH2800D Datasheet HTML 5Page - Delta Electronics, Inc. DVCH2800D Datasheet HTML 6Page - Delta Electronics, Inc. DVCH2800D Datasheet HTML 7Page - Delta Electronics, Inc. DVCH2800D Datasheet HTML 8Page - Delta Electronics, Inc. DVCH2800D Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
DVCH2800D Series
1X052DSB
2
SPECIFICATIONS (T
CASE = -55°C to +125°C, VIN = +28V ± 5%, Full Load, Unless Otherwise Specified)
ABSOLUTE MAXIMUM RATINGS
Input Voltage (Continuous)
50 VDC
Junction Temperature Rise to Case
+5°C
Input Voltage (Transient, 1 second)
80 Volts
Storage Temperature
-65°C to +150°C
Output Power
1
1.5 Watts
Lead Solder Temperature (10 seconds)
270°C
Power Dissipation (Full Load, TCASE = +125°C)
0.6 Watts
Weight (Maximum)
11 Grams
DVCH2805D
DVCH2812D
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Units
STATIC
Continuous
12
28
50
12
28
50
V
INPUT
Voltage
4
Transient, 1 sec
-
-
80
-
-
80
V
Inhibited
-
-
3.5
-
-
3.5
mA
Current
No Load
-
-
10
-
-
12
mA
Ripple Current
Full Load, 20Hz to 10MHz
-
-
30
-
-
30
mAp-p
Inhibit Pin Input
4
0
-
1.5
0
-
1.5
V
Inhibit Pin Open Circuit Voltage
4
8.0
9.0
11.0
8.0
9.0
11.0
V
UVLO Turn On
6.5
-
11.5
6.5
-
11.5
V
±VOUT
TCASE = 25°C
4.95
5.00
5.05
11.88
12.0
12.12
V
OUTPUT
Voltage
±VOUT
TCASE = -55°C to +125°C
4.80
5.00
5.20
11.52
12.0
12.48
V
Total
0
-
1.5
0
-
1.5
W
Power
3
±VOUT
Either Output
0
-
1.2
0
-
1.2
W
Current
3
IOUT
Either Output
0
-
0.24
0
-
.1
A
Ripple Voltage
±VOUT
Full Load, 20Hz to 10MHz
-
-
50
-
-
100
mVp-p
Line Regulation
±VOUT
VIN = 12V to 50V
-
-
150
-
-
150
mV
Load Regulation
±VOUT
10% Load to Full Load
-
-
400
-
-
700
mV
Load Regulation
±VOUT
50% Load to Full Load
-
-
250
-
-
250
mV
EFFICIENCY
72
79
-
74
79
-
%
Overload
4
-
-
3
-
-
3
W
LOAD FAULT POWER DISSIPATION
Short Circuit
-
-
4
-
-
4.5
W
CAPACITIVE LOAD
4
-
-
500
-
-
200
µF
SWITCHING FREQUENCY
325
400
475
325
400
475
kHz
ISOLATION
500 VDC
100
-
-
100
-
-
MΩ
MTBF (MIL-HDBK-217F)
AIF @ TC = 55°C
-
841
-
-
841
-
kHrs
DYNAMIC
Load Step Output Transient
±VOUT
-
100
300
-
100
300
mVPK
Load Step Recovery
2
Half Load to Full Load
-
200
500
-
100
400
µSec
Line Step Output Transient
4
±VOUT
-
200
400
-
300
600
mVPK
Line Step Recovery
2, 4
VIN = 12V to 50V
-
400
600
-
300
600
µSec
Turn On Delay
±VOUT
-
15
20
-
15
20
mSec
Turn On Overshoot
VIN = 0V to 28V
-
0
25
-
0
50
mVPK
Notes: 1. Dependant on output voltage.
2. Time for output voltage to settle within 1% of its nominal value.
3. Derate linearly to 0 at 135°C.
4. Verified by qualification testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com