Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DVPL0505S/ES-XXX Datasheet(PDF) 6 Page - Delta Electronics, Inc.

Part # DVPL0505S/ES-XXX
Description  HIGH RELIABILITY HYBRID DC-DC CONVERTERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DVPL0505S/ES-XXX Datasheet(HTML) 6 Page - Delta Electronics, Inc.

Back Button DVPL0505S/ES-XXX Datasheet HTML 2Page - Delta Electronics, Inc. DVPL0505S/ES-XXX Datasheet HTML 3Page - Delta Electronics, Inc. DVPL0505S/ES-XXX Datasheet HTML 4Page - Delta Electronics, Inc. DVPL0505S/ES-XXX Datasheet HTML 5Page - Delta Electronics, Inc. DVPL0505S/ES-XXX Datasheet HTML 6Page - Delta Electronics, Inc. DVPL0505S/ES-XXX Datasheet HTML 7Page - Delta Electronics, Inc. DVPL0505S/ES-XXX Datasheet HTML 8Page - Delta Electronics, Inc. DVPL0505S/ES-XXX Datasheet HTML 9Page - Delta Electronics, Inc. DVPL0505S/ES-XXX Datasheet HTML 10Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
DVPL0505S Series
1X036DSB
6
OUTPUT VOLTAGE TRIM
+
-
+
-
0.7 V
210K
30K
5.1K
+V OUT
PIN 4
TRIM
Pin 6
COM
PIN 5
R-TRIM
The output voltage is set with an external
resistor connected from Trim pin to GND
pin. This resistor must have a tolerance of
1% or less to achieve an accurate output
voltage.
The default output voltage with the TRIM
pin left open is 0.80V.
DVPL0505S
+VOUT (V)
RTRIM (Ω)
0.8
-
0.9
205k
1.0
99.9k
1.2
47.4k
1.5
24.9k
1.8
15.9k
1.9
13.9k
2.0
12.4k
2.5
7.25k
2.8
5.40k
3.0
4.44k
3.3
3.30k
3.4
2.98k
6
6
10
*
071
.
1
210
10
*
267
.
5
168
+
+
=
TRIM
TRIM
R
R
Vo
168
*
210
*
10
*
071
.
1
10
*
267
.
5
6
6
−
−
=
Vo
Vo
R
TRIM
Figure 9 – Output Voltage Trim



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com