Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DVPL0505S/K-XXX Datasheet(PDF) 9 Page - Delta Electronics, Inc.

Part # DVPL0505S/K-XXX
Description  HIGH RELIABILITY HYBRID DC-DC CONVERTERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DVPL0505S/K-XXX Datasheet(HTML) 9 Page - Delta Electronics, Inc.

Back Button DVPL0505S/K-XXX Datasheet HTML 5Page - Delta Electronics, Inc. DVPL0505S/K-XXX Datasheet HTML 6Page - Delta Electronics, Inc. DVPL0505S/K-XXX Datasheet HTML 7Page - Delta Electronics, Inc. DVPL0505S/K-XXX Datasheet HTML 8Page - Delta Electronics, Inc. DVPL0505S/K-XXX Datasheet HTML 9Page - Delta Electronics, Inc. DVPL0505S/K-XXX Datasheet HTML 10Page - Delta Electronics, Inc. DVPL0505S/K-XXX Datasheet HTML 11Page - Delta Electronics, Inc. DVPL0505S/K-XXX Datasheet HTML 12Page - Delta Electronics, Inc. DVPL0505S/K-XXX Datasheet HTML 13Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
DVPL0505S Series
1X036DSB
9
PACKAGE SPECIFICATIONS
TOP VIEW
SIDE VIEW
PIN
FUNCTION
1
TRACK
2
+V IN
3
CASE
4
+V OUT
5
COM
6
TRIM
7
INHIBIT
BOTTOM VIEW
Figure 15 – Package and Pinout
(Dimensional Limits are ±0.005” Unless Otherwise Stated)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com