Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMC-461NT Datasheet(PDF) 4 Page - Interpoint Corporation Company

Part # FMC-461NT
Description  EMI INPUT FILTER 28 VOLT INPUT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FMC-461NT Datasheet(HTML) 4 Page - Interpoint Corporation Company

  FMC-461NT Datasheet HTML 1Page - Interpoint Corporation Company FMC-461NT Datasheet HTML 2Page - Interpoint Corporation Company FMC-461NT Datasheet HTML 3Page - Interpoint Corporation Company FMC-461NT Datasheet HTML 4Page - Interpoint Corporation Company FMC-461NT Datasheet HTML 5Page - Interpoint Corporation Company FMC-461NT Datasheet HTML 6Page - Interpoint Corporation Company FMC-461NT Datasheet HTML 7Page - Interpoint Corporation Company FMC-461NT Datasheet HTML 8Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
B3-16
Typical Performance Curves: 25°C Tc , nominal Vin, unless otherwise specified.
EMI INPUT FILTERS
FMC EMI FILTER
2.7 AMP
90
70
50
30
.015
0.1
1
10
50
10
FREQUENCY (MHz)
FIGURE 3
FREQUENCY (Hz)
1 K
10 K
100 K
1 M
-95
-75
-55
-35
-15
5
FIGURE 4
FIGURE 5
-10
0
10
FREQUENCY (Hz)
1 K
10 K
100 K
1 M
-20
DC/DC Converter Typical Worst Case
EMI With FMC-461 Filter
FMC-461 Typical Amplitude
Response vs. Frequency
Typical Output Impedance (Z)
With Input Shorted
25621-001-DTS Rev A
DQ# 4003
All technical information is believed to be accurate, but no responsibility is
assumed for errors or omissions. Interpoint reserves the right to make changes in
products or specifications without notice. FMC-461 is a trademark of Interpoint.
Copyright © 1991 - 1999 Interpoint. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com