Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMA-461F/ES Datasheet(PDF) 3 Page - Interpoint Corporation Company

Part # FMA-461F/ES
Description  EMI INPUT FILTERS 28 VOLT INPUT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FMA-461F/ES Datasheet(HTML) 3 Page - Interpoint Corporation Company

  FMA-461F/ES Datasheet HTML 1Page - Interpoint Corporation Company FMA-461F/ES Datasheet HTML 2Page - Interpoint Corporation Company FMA-461F/ES Datasheet HTML 3Page - Interpoint Corporation Company FMA-461F/ES Datasheet HTML 4Page - Interpoint Corporation Company FMA-461F/ES Datasheet HTML 5Page - Interpoint Corporation Company FMA-461F/ES Datasheet HTML 6Page - Interpoint Corporation Company FMA-461F/ES Datasheet HTML 7Page - Interpoint Corporation Company FMA-461F/ES Datasheet HTML 8Page - Interpoint Corporation Company FMA-461F/ES Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
B5-5
FM-461 EMI FILTER
1.75 TO 5 AMP
EMI INPUT FILTERS
+Vin
+Vout
Input
Common
Output
Common
Case
R L
R L
EMI FILTER
DC/DC CONVERTER
+Vin
+Vout
Input
Common
Output
Common
Case
Chassis
ground
Multiple units
allowed up to
rated output
current of filter
The case ground connection should be as low an impedance as possible to minimize EMI. Direct contact of
baseplate to chassis ground provides the lowest impedance.
FIGURE 4: CONNECTION DIAGRAM
x3
x2
0.1
F
0.01
F
0.001
F
x2
x2
4.7
F
150
47 pF
1000 pF
50
1000 pF
500 V
Positive
Input
Input
Common
Positive
Output
Output
Common
FMA-461
2.4
H
>150
H
FIGURE 2: SCHEMATIC
4.7
F
3300 pF
500 V
Positive
Input
Input
Common
Positive
Output
Output
Common
FMB-461
3.5
H
9.4
F
0.65
3.5
H
50
47 pF
500V
P6KE47
18.8
F
FIGURE 3: SCHEMATIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com