Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FME270-461 Datasheet(PDF) 3 Page - Interpoint Corporation Company

Part # FME270-461
Description  EMI INPUT FILTERS 28 & 270 VOLT INPUT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FME270-461 Datasheet(HTML) 3 Page - Interpoint Corporation Company

  FME270-461 Datasheet HTML 1Page - Interpoint Corporation Company FME270-461 Datasheet HTML 2Page - Interpoint Corporation Company FME270-461 Datasheet HTML 3Page - Interpoint Corporation Company FME270-461 Datasheet HTML 4Page - Interpoint Corporation Company FME270-461 Datasheet HTML 5Page - Interpoint Corporation Company FME270-461 Datasheet HTML 6Page - Interpoint Corporation Company FME270-461 Datasheet HTML 7Page - Interpoint Corporation Company FME270-461 Datasheet HTML 8Page - Interpoint Corporation Company FME270-461 Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
B3-9
FMD/FME EMI FILTER
0.7 TO 15 AMP
EMI INPUT FILTERS
6
F
50 V
0.015
F
500 V
Positive
Input
Input
Common
Positive
Output
Output
Common
FME28-461
1.25
H
1.25
H
0.55
H
100
H
6
F
50 V
100
H
6
F
50 V
0.015
F
Positive
Input
Input
Common
Positive
Output
Output
Common
FME270-461
37
H
37
H
37
H
1.8 mH
0.68
F
0.68
F
1.3
1.8 mH
0.015
F
x2
x2
FIGURE 1: FME28-461 SCHEMATIC – TYPICAL VALUES
FIGURE 2: FME270-461 SCHEMATIC – TYPICAL VALUES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com