Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FME28-461/883 Datasheet(PDF) 16 Page - Interpoint Corporation Company

Part # FME28-461/883
Description  EMI INPUT FILTERS 28 & 270 VOLT INPUT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FME28-461/883 Datasheet(HTML) 16 Page - Interpoint Corporation Company

Back Button FME28-461/883 Datasheet HTML 8Page - Interpoint Corporation Company FME28-461/883 Datasheet HTML 9Page - Interpoint Corporation Company FME28-461/883 Datasheet HTML 10Page - Interpoint Corporation Company FME28-461/883 Datasheet HTML 11Page - Interpoint Corporation Company FME28-461/883 Datasheet HTML 12Page - Interpoint Corporation Company FME28-461/883 Datasheet HTML 13Page - Interpoint Corporation Company FME28-461/883 Datasheet HTML 14Page - Interpoint Corporation Company FME28-461/883 Datasheet HTML 15Page - Interpoint Corporation Company FME28-461/883 Datasheet HTML 16Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
C2-10
TEST (125°C Products)
STANDARD
/ES
/883 (Class H)*
PRE-CAP INSPECTION
Method 2017, 2032
yes
yes
yes
TEMPERATURE CYCLE (10 times)
Method 1010, Cond. C, -65°C to 150°C
no
no
yes
Method 1010, Cond. B, -55°C to 125°C
no
yes
no
CONSTANT ACCELERATION
Method 2001, 3000 g
no
no
yes
Method 2001, 500 g
no
yes
no
BURN-IN
Method 1015, 160 hours at 125°C
no
no
yes
96 hours at 125°C case (typical)
no
yes
no
FINAL ELECTRICAL TEST MIL-PRF-38534, Group A
Subgroups 1 through 6: -55°C, +25°C, +125°C
no
no
yes
Subgroups 1 and 4: +25°C case
yes
yes
no
HERMETICITY TESTING
Fine Leak, Method 1014, Cond. A
no
yes
yes
Gross Leak, Method 1014, Cond. C
no
yes
yes
Gross Leak, Dip (1 x 10-3)
yes
no
no
FINAL VISUAL INSPECTION
Method 2009
yes
yes
yes
Test methods are referenced to MIL-STD-883 as determined by MIL-PRF-38534.
*883 products are built with element evaluated components and are 100% tested and guaranteed over
the full military temperature range of –55°C to +125°C.
MOR Series
MFLHP Series
MFL Series
MHP Series
MTR Series
MQO Series**
MHD Series
MHV Series
MHF+ Series
MHF Series**
MGA Series
MSA Series
MGH Series
MCH Series
FM-704A EMI Filter
FMD**/FME EMI Filter
FMC EMI Filter
FMH EMI Filter
FMGA EMI Filter
FMSA EMI Filter
HUM Modules**
LCM Modules**
LIM Modules
QA SCREENING
125°C PRODUCTS
125°C PRODUCTS
Applies to the following products
**MFLHP Series, MQO Series, MHF Series, FMD EMI Filters, Hum Modules, and LCM Modules do not offer
‘883” screening.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com