Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXC Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # MXC
Description  LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

MXC Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  MXC Datasheet HTML 1Page - RUBYCON CORPORATION MXC Datasheet HTML 2Page - RUBYCON CORPORATION MXC Datasheet HTML 3Page - RUBYCON CORPORATION MXC Datasheet HTML 4Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Case Size φD×L(mm)
Ripple Current (A r.m.s./120Hz, 105℃)
WV
Cap
(μF)
6800
8200
10000
12000
15000
18000
22000
27000
33000
39000
47000
56000
68000
◆STANDARD SIZE, RATED RIPPLE CURRENT
φD
φ20
φ22
φ25
φ30
φ35
φ20
φ22
φ25
φ30
φ35
10
16
WV
Cap
(μF)
6800
5600
4700
3900
3300
2700
8200
10000
12000
15000
18000
22000
27000
33000
39000
47000
φD
φ20
φ22
φ25
φ30
φ35
φ20
φ22
φ25
φ30
φ35
25
35
WV
Cap
(μF)
1800
1500
1200
2200
2700
3300
3900
4700
5600
6800
8200
10000
12000
15000
φD
φ20
φ22
φ25
φ30
φ35
φ20
φ22
φ25
φ30
φ35
50
63
20×25
20×30
20×30
20×35
20×40
20×25
20×30
20×35
20×40
22×25
22×30
22×35
22×40
22×45
22×50
22×25
22×30
22×30
22×35
22×40
22×45
25×30
25×30
25×35
25×40
25×45
25×25
25×30
25×30
25×35
25×40
25×45
30×25
30×30
30×30
30×35
30×40
30×45
35×30
35×35
35×40
35×45
30×25
30×30
30×30
30×35
30×40
30×45
35×30
35×35
35×40
35×45
35×50
20×25
20×30
20×35
20×40
20×25
20×30
20×30
20×35
20×40
22×25
22×30
22×30
22×35
22×40
22×45
22×25
22×30
22×35
22×40
22×45
22×50
25×25
25×30
25×35
25×40
25×50
25×30
25×25
25×30
25×35
25×40
25×45
25×50
30×25
30×30
30×30
30×35
30×40
30×50
35×30
35×35
35×40
35×45
35×50
30×25
30×30
30×35
30×40
30×45
30×50
35×35
35×30
35×35
35×40
35×50
20×30
20×25
20×35
20×40
20×35
20×30
20×25
20×40
22×25
22×30
22×35
22×40
22×45
22×50
22×35
22×35
22×30
22×25
22×45
22×50
25×25
25×30
25×30
25×35
25×40
25×25
25×30
25×40
25×35
25×45
25×50
30×25
30×30
30×35
30×40
30×45
30×50
35×35
35×40
35×50
30×25
30×30
30×35
30×35
30×40
30×50
35×35
35×30
35×40
35×45
35×50
1.31
1.88
1.59
2.18
2.27
1.77
2.10
2.23
2.41
1.80
2.08
2.15
2.31
2.15
2.08
2.31
2.68
2.58
3.17
2.10
25×25 1.94
2.34
2.54
3.07
3.20
3.36
22×50 3.85
2.31
2.68
3.20
3.36
3.39
2.25
2.50
2.95
3.33
3.85
4.30
25×50 4.81
3.20
3.36
3.85
4.30
3.70
4.22
3.21
3.68
4.16
5.00
4.81
5.53
30×50 6.00
4.30
4.81
5.53
6.00
6.40
1.65
1.85
2.11
2.34
1.85
2.11
2.34
2.34
2.65
1.29
1.57
1.78
1.78
2.02
2.13
2.02
2.13
2.41
2.81
3.13
2.65
2.81
3.13
3.56
2.85
3.05
2.13
2.41
2.85
3.05
4.04
2.81
3.13
3.56
4.04
3.37
3.72
4.74
5.50
4.04
4.74
5.50
5.80
6.30
2.85
3.05
3.37
3.37
3.72
4.37
4.92
3.72
4.37
4.92
5.30
1.60
1.39
1.73
1.97
1.73
1.60
1.97
2.22
1.58
1.47
1.20
1.82
1.58
1.47
1.82
2.11
2.33
2.43
2.75
1.73
1.97
2.22
2.55
1.82
2.11
2.33
2.55
2.97
2.43
2.75
25×45
25×50
3.30
3.60
2.43
2.75
3.30
3.60
4.05
3.22
2.33
2.55
2.97
3.22
4.56
4.05
35×30 3.60
4.56
4.77
3.65
4.04
3.22
3.65
4.04
4.48
4.75
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
MXC
WV
Cap
(μF)
560
680
820
1000
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
φD
φ20
φ22
φ25
φ30
φ35
φ20
φ22
φ25
φ30
φ35
80
100
20×25
20×35
20×30
20×35
20×40
20×25
20×30
20×35
20×35
20×40
22×30
22×25
22×30
22×35
22×40
22×45
22×25
22×30
22×30
22×35
22×40
22×45
25×25
25×30
25×30
25×35
25×40
25×25
25×30
25×35
25×35
25×45
25×50
30×25
30×30
30×35
30×35
30×40
30×45
35×30
35×35
35×40
35×45
35×50
30×25
30×30
30×35
30×40
30×45
30×50
35×30
35×30
35×35
35×40
35×45
35×50
1.04
1.44
1.24
1.59
1.79
1.44
1.24
1.59
1.79
2.03
0.95
1.15
1.32
1.47
1.69
1.15
1.32
1.47
1.69
2.39
1.59
1.79
2.03
2.39
1.98
2.23
1.47
1.69
1.98
2.23
2.64
25×50 2.97
2.03
2.39
2.64
2.97
2.55
2.89
1.98
2.23
2.55
2.89
3.38
3.80
2.97
3.38
3.80
4.10
4.30
3.30
3.67
2.55
2.89
3.30
3.67
3.80
4.05
• RoHS compliance.
Frequency
(Hz)
Coefficient
60(50) 120
500
1k
10k≦
0.90
1.00
1.05
1.10
1.15
0.80
10∼100WV
160∼250WV
1.00
1.20
1.30
1.50
0.80
315∼450WV
1.00
1.20
1.25
1.40
Rated Voltage
(V)
Z(−25℃)/Z(20℃)
10∼100
3
160∼250
3
315∼450
8
Z(−40℃)/Z(20℃)
12
(120Hz)
(20℃,120Hz)
Rated Voltage
(V)
tanδ
0.55
10
0.50
16
0.45
25
0.40
35
0.35
50
0.30
63
0.25
80
0.20
100
0.15
160∼
400
0.20
420∼
450
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
MXC
SERIES
MXC
◆SPECIFICATIONS
◆PART NUMBER
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
Dissipation Factor(MAX)
(tanδ)
Endurance
Impedance Ratio(MAX)
Items
Characteristics
−40∼+105℃
10∼100V.DC
−25∼+105℃
160∼450V.DC
±20%(20℃,120Hz)
I
=Leakage Current(μA)     V=Rated Voltage(V)     C=Rated Capacitance(μF)
                  
Leakage Current
Dissipation Factor
Capacitance Change
Within ±20% of the initial value.
Not more than 200% of the specified value.
Not more than the specified value.
105℃ Standard, Snap-in Terminal Type
◆FEATURES
• Load Life : 105℃ 3000 hours.
• Smaller size with higher ripple current endurance than MXR series.
After applying rated voltage with rated ripple current for 3000hrs at 105℃, the capacitors shall meet the following requirements.
□□□
Rated Voltage
MXC
Series
SN
Terminal Code
OOE
Option
D×L
Case Size
□□□□□
Rated Capacitance
□
Capacitance Tolerance
I
=3 CV
(After 5 minutes application of rated voltage)
◆Option
Blank
OOE
Code
without plate
with plate
◆MULTIPLIER FOR RIPPLE CURRENT
 Frequency coefficient
◆DIMENSIONS
(mm)
MOUNTING HOLES
10±0.1
φD±1
2-φ2
10
φD±1
NEGATIVE
※
4±0.5
L±2
SLEEVE
VENT
※For φ35, 3.5±0.5
●SN[4(3.5)mm]terminal type


Similar Part No. - MXC

ManufacturerPart #DatasheetDescription
logo
MMD Components
MXC MMD-MXC Datasheet
122Kb / 2P
2.0 x 2.5 Ceramic SMD Oscillatorr
logo
Sensata Technologies, I...
MXC SENSATA-MXC Datasheet
331Kb / 5P
600 AMP, 48 VOLT CAN-BUS CONTACTOR
Rev03-Nov-2021
logo
Adlink Technology Inc.
MXC-2300 ADLINK-MXC-2300 Datasheet
536Kb / 2P
Embedded Computer
MXC-2300-3E1 ADLINK-MXC-2300-3E1 Datasheet
536Kb / 2P
Embedded Computer
MXC-2300-3S ADLINK-MXC-2300-3S Datasheet
536Kb / 2P
Embedded Computer
More results

Similar Description - MXC

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
LSQ RUBYCON-LSQ Datasheet
64Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
SXC RUBYCON-SXC Datasheet
55Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USC RUBYCON-USC Datasheet
71Kb / 4P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USR RUBYCON-USR Datasheet
1Mb / 4P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
VXR RUBYCON-VXR Datasheet
56Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
KXF RUBYCON-KXF Datasheet
257Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
LSU RUBYCON-LSU Datasheet
175Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
MXH RUBYCON-MXH Datasheet
210Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USH RUBYCON-USH Datasheet
205Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
AXF_SERIES RUBYCON-AXF_SERIES Datasheet
91Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com