Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G767 Datasheet(PDF) 11 Page - Global Mixed-mode Technology Inc

Part # G767
Description  Remote/Local Temperature Sensor with SMBus Serial Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G767 Datasheet(HTML) 11 Page - Global Mixed-mode Technology Inc

Back Button G767 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G767 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G767 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G767 Datasheet HTML 9Page - Global Mixed-mode Technology Inc G767 Datasheet HTML 10Page - Global Mixed-mode Technology Inc G767 Datasheet HTML 11Page - Global Mixed-mode Technology Inc G767 Datasheet HTML 12Page - Global Mixed-mode Technology Inc G767 Datasheet HTML 13Page - Global Mixed-mode Technology Inc G767 Datasheet HTML 14Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Ver: 2.5
Dec 14, 2004
TEL: 886-3-5788833
http://www.gmt.com.tw
11
G767
Global Mixed-mode Technology Inc.
Table 7. Conversion-Rate Control Byte
DATA
CONVERSION RATE (Hz)
AVERAGE SUPPLY CURRENT (µA TYP, at Vcc = 3.3V)
00h
0.0625
30
01h
0.125
33
02h
0.25
35
03h
0.5
48
04h
1
70
05h
2
128
06h
4
225
07h
8
425
08h to FFh
RFU
-
Table 8. RLTS and RRTE Temp Register Update Timing Chart
OPERATING MODE
CONVERSION
INITIATED BY:
NEW CONVERSION RATE
(CHANGED VIA WRITE TO WCRW)
TIME UNTIL RLTS AND
RRTE ARE UPDATED
Auto-Convert
Power-on reset
N/A (0.25Hz)
156ms max
Auto-Convert
1-shot command, while idling be-
tween automatic conversions
N/A
156ms max
Auto-Convert
1-shot command that occurs dur-
ing a conversion
N/A
When current conversion is
complete (1-shot is ignored)
Auto-Convert
Rate timer
0.0625Hz
20sec
Auto-Convert
Rate timer
0.125Hz
10sec
Auto-Convert
Rate timer
0.25Hz
5sec
Auto-Convert
Rate timer
0.5Hz
2.5sec
Auto-Convert
Rate timer
1Hz
1.25sec
Auto-Convert
Rate timer
2Hz
625ms
Auto-Convert
Rate timer
4Hz
312.5ms
Auto-Convert
Rate timer
8Hz
237.5ms
Hardware Standby
STBY
pin
N/A
156ms
Software Standby
RUN/STOP bit
N/A
156ms
Software Standby
1-shot command
N/A
156ms
To check for internal bus collisions, read the status
byte. If the least significant seven bits are ones, dis-
card the data and read the status byte again. The
status bits LHIGH, LLOW, RHIGH, and RLOW are
refreshed on the SMBus clock edge immediately fol-
lowing the stop condition, so there is no danger of los-
ing temperature-related status data as a result of an
internal bus collision. The OPEN status bit (diode con-
tinuity fault) is only refreshed at the beginning of a
conversion, so OPEN data is lost. The ALERT in-
terrupt latch is independent of the status byte register,
so no false alerts are generated by an internal bus
collision.
When auto-converting, if the THIGH and TLOW limits
are close together, it’s possible for both high-temp and
low-temp status bits to be set, depending on the
amount of time between status read operations (espe-
cially when converting at the fastest rate). In these
circumstances, it’s best not to rely on the status bits to
indicate reversals in long-term temperature changes
and instead use a current temperature reading to es-
tablish the trend direction.
Conversion Rate Byte
The conversion rate register (Table 7) programs the
time interval between conversions in free-running
auto-convert mode. This variable rate control reduces
the supply current in portable-equipment applications.
The conversion rate byte’s POR state is 02h (0.25Hz).
The G767 looks only at the 3 LSB bits of this register,
so the upper 5 bits are “don’t care” bits, which should
be set to zero. The conversion rate tolerance is
±25%
at any rate setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com