Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G923 Datasheet(PDF) 1 Page - Interpoint Corporation Company

Part # G923
Description  300mA High PSRR LDO Regulators
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

G923 Datasheet(HTML) 1 Page - Interpoint Corporation Company

  G923 Datasheet HTML 1Page - Interpoint Corporation Company G923 Datasheet HTML 2Page - Interpoint Corporation Company G923 Datasheet HTML 3Page - Interpoint Corporation Company G923 Datasheet HTML 4Page - Interpoint Corporation Company G923 Datasheet HTML 5Page - Interpoint Corporation Company G923 Datasheet HTML 6Page - Interpoint Corporation Company G923 Datasheet HTML 7Page - Interpoint Corporation Company G923 Datasheet HTML 8Page - Interpoint Corporation Company G923 Datasheet HTML 9Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Ver: 1.1
Jan 19, 2006
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G923
Global Mixed-mode Technology Inc.
300mA High PSRR LDO Regulators
Features
Low, 90µA No-Load Supply Current
Guaranteed 300mA Output Current
Dropout Voltage is 200mV @ 150mA Load
PSRR=65dB @ 120Hz
Over-Temperature Protection and Short-Circuit
Protection
Two Modes of Operation ----
Fixed Mode: 1.50V~5.00V
Adjustable Mode: from 1.25V to 5.50V
Max. Supply Current in Shutdown Mode < 1µA
Low Output Noise at 224µVRMS
Stable with low cost ceramic capacitors
Applications
Notebook Computers
Cellular Phones
PDAs
Digital still Camera and Video Recorders
Hand-Held Devices
Audio Codec
General Description
The G923 is a low supply current, high PSRR, and low
dropout linear regulator that comes in a space saving
SOT-23-5 package. The supply current at no-load is
90µA. In the shutdown mode, the maximum supply
current is less than 1µA. Operating voltage range of
the G923 is from 2.50V to 5.50V. The over-current
protection limit is set at 550mA typical. An over- tem-
perature protection circuit is built-in in the G923 to
prevent thermal overload. These power saving fea-
tures make the G923 ideal for use in the bat-
tery-powered applications such as notebook com-
puters, cellular phones, and PDA’s.
The G923 has two modes of operation. When the SET
pin is connected to ground, its output is a pre-set value:
1.50V~5.00V. There is no external component needed
to decide the output voltage. When an output other
than the preset value is needed, two external resistors
should be used as a voltage divider. The output volt-
age is then decided by the resistor ratio. The G923
comes in a space saving SOT-23-5 package.
Pin Configuration
G963
SET
OUT
SOT-23-5
G923
5
4
1
SHDN
2
3
GND
IN
IN
OUT
SHDN
SET
GND
G923
+
- BATTERY CIN
1µF
R1
R2
C
OUT
1µF
OUTPUT
VOLTAGE
Adjustable mode
IN
OUT
GND
SET
SHDN
G923
C
IN
1µF
+
_
BATTERY
OUTPUT
VOLTAGE
COUT
1µF
Fixed mode
G963
SET
OUT
SOT-23-5
G923
5
4
1
SHDN
2
3
GND
IN
IN
OUT
SHDN
SET
GND
G923
+
- BATTERY CIN
1µF
R1
R2
C
OUT
1µF
OUTPUT
VOLTAGE
Adjustable mode
IN
OUT
GND
SET
SHDN
G923
C
IN
1µF
+
_
BATTERY
OUTPUT
VOLTAGE
COUT
1µF
Fixed mode


Similar Part No. - G923

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G923 GMT-G923 Datasheet
516Kb / 9P
300mA High PSRR LDO Regulators
G923-150T1U GMT-G923-150T1U Datasheet
516Kb / 9P
300mA High PSRR LDO Regulators
G923-150T1UF GMT-G923-150T1UF Datasheet
516Kb / 9P
300mA High PSRR LDO Regulators
G923-160T1U GMT-G923-160T1U Datasheet
516Kb / 9P
300mA High PSRR LDO Regulators
G923-160T1UF GMT-G923-160T1UF Datasheet
516Kb / 9P
300mA High PSRR LDO Regulators
More results

Similar Description - G923

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G916 GMT-G916 Datasheet
480Kb / 13P
300mA High PSRR, Low Noise, LDO Regulators
G923 GMT-G923 Datasheet
516Kb / 9P
300mA High PSRR LDO Regulators
G914X GMT-G914X_07 Datasheet
289Kb / 11P
300mA High PSRR, Low-Noise LDO Regulators
logo
Eutech Microelectronics...
EUP7903 EUTECH-EUP7903 Datasheet
304Kb / 10P
300mA High PSRR LDO Regulators
logo
Advanced Power Electron...
APE8833 A-POWER-APE8833 Datasheet
346Kb / 7P
300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
APE8835 A-POWER-APE8835 Datasheet
351Kb / 7P
300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
APE8835 A-POWER-APE8835_14 Datasheet
351Kb / 7P
300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
logo
Global Mixed-mode Techn...
G923 GMT-G923_15 Datasheet
89Kb / 2P
300mA High PSRR LDO Regulators
G918 GMT-G918 Datasheet
49Kb / 1P
300mA High PSRR, Low Noise, LDO Regulators
G984 GMT-G984 Datasheet
49Kb / 1P
300mA High PSRR LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com