Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSEV Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # NSEV
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

NSEV Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  NSEV Datasheet HTML 1Page - RUBYCON CORPORATION NSEV Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
◆DIMENSIONS
(mm)
φD
4
5
6.3
L
5.5
5.5
5.5
A1
4.3
5.3
6.6
B1
4.3
5.3
6.6
C
1.8
2.2
2.7
W1
0.5∼0.8
0.5∼0.8
0.5∼0.8
P
1.0
1.3
1.8
◆STANDARD SIZE, RATED RIPPLE CURRENT
Size φD×L(mm), Ripple Current (mA r.m.s./85℃, 120Hz)
6.3
(0J)
Size
Ripple
Size
Ripple
Size
Ripple
Size
Ripple
Size
Size
Ripple
Ripple
10
(1A)
16
(1C)
35
(1V)
25
(1E)
50
(1H)
0.1
0.22
0.33
0.47
1
2.2
3.3
4.7
10
22
33
47
6.3×5.5 20
5×5.5 17
4×5.5
10
5×5.5 13
4×5.5
8.4
6.3×5.5
29
5×5.5
18
4×5.5
8.4
6.3×5.5
49
6.3×5.5
37
5×5.5
23
6.3×5.5
45
5×5.5
28
4×5.5
12
4×5.5
17
4×5.5
4.0
4×5.5
2.8
4×5.5
2.0
4×5.5
1.0
WV
(V.DC)
Cap(μF)
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSEV
L MAX
0.3MAX
A1
±0.2
W1
0.5MAX



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com