Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NW7 Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # NW7
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

NW7 Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  NW7 Datasheet HTML 1Page - RUBYCON CORPORATION NW7 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
◆DIMENSIONS
(mm)
◆STANDARD SIZE, RATED RIPPLE CURRENT
Size φD×L(mm), Ripple Current (mA r.m.s./85℃, 120Hz)
6.3
(0J)
Size
Ripple
10
(1A)
Size
Ripple
16
(1C)
Size
Ripple
25
(1E)
Size
Ripple
35
(1V)
Size
Ripple
50
(1H)
Size
Ripple
0.1
0.22
0.33
0.47
1
2.2
3.3
4.7
10
22
33
47
6.3×7
56
5×7
40
6.3×7
45
6.3×7
65
5×7
35
4×7
23
6.3×7
60
6.3×7
45
6.3×7
65
4×7
25
6.3×7
35
6.3×7
50
4×7
18
4×7
15
4×7
18
6.3×7
37
5×7
22
5×7
19
4×7
13
6.3×7
5×7
26
19
5×7
15
4×7
10
4×7
5
4×7
3
4×7
2
4×7
1
5×7
32
φD
φd
F
4
1.5
5
0.45
2.0
6.3
2.5
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NW7
WV
(V.DC)
Cap(μF)
L+1MAX
15MIN
4MIN
φd
φD+0.5MAX
SLEEVE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com