Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGV Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # SGV
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

SGV Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  SGV Datasheet HTML 1Page - RUBYCON CORPORATION SGV Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
◆DIMENSIONS
(mm)
◆SIZE, RATED RIPPLE CURRENT
Size φD×L(mm), Ripple Current (mA r.m.s./105℃, 120Hz)
6.3
(0J)
Size
Ripple
Size
Ripple
Size
Ripple
Size
Ripple
Size
Ripple
Size
Ripple
Size
Ripple
Size
Ripple
10
(1A)
16
(1C)
25
(1E)
35
(1V)
50
(1H)
63
(1J)
100
(2A)
0.1
1.0
0.22
4×6.1
4×6.1
2.6
0.33
4×6.1
3.2
0.47
4×6.1
4.0
1
4×6.1
8.0
2.2
4×6.1
11
3.3
4×6.1
14
4.7
5×6.1
19
10
6.3×6.1
35
22
33
8×10.5 140
115
120
55
135
90
65
47
8×10.5 167
10×10.5
8×10.5
8×10.5
8×10.5
10×10.5
8×10.5
55
8×10.5
10×10.5
180
100
220
330
470
1000
8×10.5 230
10×10.5 315
8×10.5 180
10×10.5 305
450
6.3×6.1
55
5×6.1
28
4×6.1
15
5×6.1
39
4×6.1
28
8×10.5 320
10×10.5 355
10×10.5
12.5×13.5
450
8×10.5 180
6.3×6.1
65
8×10.5
290
10×10.5
440
8×10.5
185
6.3×6.1
70
4×6.1
26
4×6.1
29
6.3×6.1
71
6.3×8
121
5×6.1
43
6.3×6.1
71 6.3×8
111
8×10.5 210
10×10.5 440
8×10.5 195
5×6.1
46
8×10.5 210
10×10.5
12.5×13.5
495
10×10.5
12.5×13.5
6.3×8
8×6.5
79
91
6.3×8
8×6.5
76
84
6.3×8
8×6.5
67
70
8×10.5
320
10×10.5
460
SGV
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
8
8
10
6.5
10.5
10.5
8.3
8.3
10.3
8.3
8.3
10.3
3.4
2.9
3.2
0.5∼0.8
0.8∼1.1
0.8∼1.1
2.2
3.1
4.5
φD
4
5
L
6.1
6.1
A1
4.3
5.3
B1
4.3
5.3
C
1.8
2.2
W1
0.5∼0.8
0.5∼0.8
PK
α
1.0
0.5 MAX
0
0.5 MAX
0
0.5 MAX
0
0.5 MAX
0
0.5 MAX
0
0.5 MAX
0
0.5 MAX
0
12.5
13.5
13
13
4.9
0.8∼1.1
4.5
0.7±0.4
0.5
12.5
16
13
13
4.9
0.8∼1.1
4.5
0.7±0.4
0.5
16
16.5
17
17
6
1.0∼1.6
6.8
0.7±0.4
0.5
16
21.5
17
17
6
1.0∼1.6
6.8
0.7±0.4
0.5
18
16.5
19
19
7
1.0∼1.6
6.8
0.7±0.4
0.5
18
21.5
19
19
7
1.0∼1.6
6.8
0.7±0.4
0.5
1.3
6.3
6.1
6.6
6.6
2.7
0.5∼0.8
1.8
6.3
8
6.6
6.6
2.7
0.5∼0.8
1.8
φ8×10.5∼φ18 have sleeve.
WV(V.DC)
Cap(μF)
2200
3300
4700
6800
1350
18×21.5
1200
18×21.5
750
12.5×16
1000
1200
18×21.5
810
16×16.5
500
12.5×16
930
18×16.5
16×21.5
18×16.5
16×21.5
930
1150
18×21.5
630
16×16.5
18×16.5
16×21.5
700
1700
18×21.5
1050
18×21.5
490
10×10.5
18×16.5
16×21.5
750
490
16×16.5
460
12.5×16
18×16.5
16×21.5
550
470
16×16.5
820
18×21.5
380
12.5×16
18×16.5
16×21.5
490
385
16×16.5
590
18×21.5
225
12.5×16
18×16.5
16×21.5
440
285
16×16.5
160
12.5×13.5
18×16.5
16×21.5
L +αMAX
0.3MAX
A1
±0.2
W1
K



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com