Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SXC Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # SXC
Description  LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

SXC Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  SXC Datasheet HTML 1Page - RUBYCON CORPORATION SXC Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WV
Cap(μF)
82
100
120
150
180
220
270
330
390
470
560
680
820
1000
1200
1500
20×20
0.42
20×20
0.47
20×20
0.52
20×25
0.69
20×25
0.75
20×30
0.87
20×35
1.00
20×40
1.20
22×20
0.51
22×20
0.56
22×25
22×25
22×25
0.69
0.75
0.88
22×25
0.99
22×30
1.20
22×35
1.30
22×40
1.44
22×45
25×20
25×20
25×25
25×25
25×25
25×30
25×30
25×35
25×40
30×20
30×20
30×20
30×25
30×25
30×30
30×30
30×35
30×45
35×20
35×20
35×25
35×25
35×25
35×30
35×45
1.60
0.63
0.70
0.88
0.99
1.20
1.34
1.44
1.60
1.76
0.85
0.95
1.05
30×25
1.20
35×30
2.30
35×35
2.30
35×35
2.65
35×40
2.65
25×20
0.39
25×25
0.45
30×20
0.50
30×25
0.56
30×35
1.35
30×40
1.30
1.30
1.48
1.60
1.74
2.11
2.40
1.08
1.15
1.48
1.58
1.74
2.10
3.08
◆STANDARD SIZE, RATED RIPPLE CURRENT
φD
φ20
φ22
φ25
φ30
φ35
200
WV
Cap(μF)
82
100
120
150
180
220
270
330
390
470
22
27
33
39
47
56
68
20×20
0.20
20×20
0.22
20×20
0.25
20×25
0.35
20×25
0.39
20×30
0.44
20×35
0.51
20×40
0.57
0.23
0.25
0.28
0.39
0.45
0.49
0.56
22×20
22×20
22×20
22×25
22×25
22×25
22×30
22×35
0.62
22×40
0.73
22×45
25×20
25×20
25×25
25×25
25×30
25×30
25×35
25×40
30×20
30×20
30×25
30×25
30×30
30×30
30×35
35×20
35×20
35×25
35×25
35×30
35×35
35×35
35×40
35×45
0.85
0.30
0.34
0.49
0.56
0.61
0.73
0.85
0.94
25×45
1.07
0.41
0.45
0.59
0.73
0.79
0.95
1.24
30×45
1.47
0.51
0.54
0.61
0.78
0.95
1.24
1.28
1.41
35×20
1.59
1.87
φD
φ20
φ22
φ25
φ30
φ35
400
Case Size φD×L(mm)
Ripple Current (A r.m.s./120Hz, 105℃)
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
SXC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com