Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SXW Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # SXW
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

SXW Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  SXW Datasheet HTML 1Page - RUBYCON CORPORATION SXW Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
φD
φd
F
10
5.0
12.5
16
18
7.5
α
1.5
0.6
0.8
◆DIMENSIONS
(mm)
WV
Cap
(μF)
68
82
100
120
130
150
180
220
16×20
16×25
16×30
16×30
16×40
16×35
0.32
0.38
0.45
0.50
16×20
16×25
16×25
0.36
0.43
0.48
0.66
0.59
16×30
0.57
18×20
18×20
18×20
0.37
0.43
0.46
270
330
18×40
0.91
◆STANDARD SIZE, RATED RIPPLE CURRENT
φD
φ18
φ16
WV
Cap
(μF)
22
27
33
36
39
47
56
68
16×25
16×30
0.22
12.5×20
10×16 0.087
0.10
0.27
16×35 0.34
18×20
18×25
18×30
0.24
0.27
0.35
16×40 0.36
18×35
0.37
16×40
0.39
82
100
18×45
0.52
φD
φ18
φ16
φ12.5
φ10
Size φD×L(mm)
Ripple Current (A r.m.s./120Hz, 105℃)
200
400
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
SXW
16×35 0.32
16×30 0.30
18×30
0.32
18×20
0.28
18×25
0.30
18×35
0.40
18×40
0.42
18×30
0.58
18×20
0.50
18×25
0.53
18×45
0.48
18×40
0.46
16×30 0.24
16×25 0.22
18×25
0.25
18×20
0.23
16×25 0.18
16×20 0.17
10
10×10 0.060
4.7
18×30
0.62
18×25
0.60
18×35
0.74
18×30
0.71
18×45
0.89
18×35
0.77
18×25
0.48
18×20
0.46
L+α MAX
15MIN
4MIN
φd
φD+0.5MAX
SLEEVE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com