Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F101C6 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STM32F101C6
Description  Leading-edge architecture with Cortex-M3 core
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101C6 Datasheet(HTML) 2 Page - STMicroelectronics

  STM32F101C6 Datasheet HTML 1Page - STMicroelectronics STM32F101C6 Datasheet HTML 2Page - STMicroelectronics STM32F101C6 Datasheet HTML 3Page - STMicroelectronics STM32F101C6 Datasheet HTML 4Page - STMicroelectronics STM32F101C6 Datasheet HTML 5Page - STMicroelectronics STM32F101C6 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image

Nested vectored
IT controller
Industrial:
■
PLC
■
Inverters
■
Printers, scanners
■
Industrial networking
Building and security:
■
Alarm systems
■
Video intercom
■
HVAC
Low power:
■
Glucose meters
■
Power meters
■
Battery operated applications
Appliances:
■
Motor drive
■
Application control
Consumer:
■
PC peripherals, gaming
■
Digital camera, GPS platforms
STM32, more choice with two complete lines
The Performance line, STM32F103, operates at 72 MHz,
with more on-chip RAM and peripherals. The Access
line, STM32F101, operates at 36 MHz. Both lines are
pin-to-pin and software-compatible, and offer the same
embedded Flash options.
The Performance line takes the 32-bit MCU world
to new levels of performance and energy efficiency.
Cortex-M3
CPU
36/72 MHz
JTAG/SW debug
1 x systic timer
6 x 16-bit PWM
synchronized AC timer
DMA 7 channels
Up to 16 external ITs
26/36/51/80 I/Os
1 x SPI
1 x USART/LIN
smartcard/IrDA
modem control
ARM Lite
high-speed
bus matrix/
arbiter
(max.
72 MHz)
Bridge
Flash
I/F
32 KB-128 KB
Flash memory
6 KB-16/20 KB SRAM
20 B backup registers
Clock control
1 or 2 x 12-bit ADC
16 channels/1Msps
Temperature sensor
Power supply
Reg 1.8 V
POR/PDR/PVD
XTAL oscillators
32 kHz + 4~16 MHz
Internal RC oscillators
32 kHz + 8 MHz
PLL
RTC/AWU
2 x USART/LIN
smartcard/
IrDA modem control
1 x SPI
2 x I2C
ARM peripheral bus
(max. 36 MHz)
Bridge
®
3 x 16-bit timer
2 x watchdog
(independent and
window)
Applications
STM32F10x: first two product lines
Both lines include up to:
Up to 128 KB Flash
3 x USART
2 x SPI
2 x I2C
3 x 16-bit timers
Main osc. 4-16 MHz
Real-time clock
2 x watchdogs
Reset circuitry
Power on/down reset
Voltage detector
7-channel DMA
80% GPIO ratio
Internal 8 MHz RC and
32 kHz RC
Performance line STM32F103
72 MHz
CPU
Up to
20 KB
SRAM
2 x 12-bit
ADC (1 µs)
Temperature
sensor
USB 2.0 FS
CAN 2.0 B
PWM timer
Access line STM32F101
36 MHz
CPU
Up to
16 KB
SRAM
1 x 12-bit
ADC (1 µs)
Temperature
sensor
With its Cortex-M3 core at 72 MHz, it is able to perform
high-end computation. Its peripheral set brings superior
control and connectivity.
The Access line is the entry point of the STM32 family.
It has the power of the 32-bit MCU but at a 16-bit MCU
cost. Its peripheral set offers excellent connectivity
and control.
STM32F10x block diagram
DMA: Direct memory access
RTC: Real-time clock
AWU: Auto wake-up capability with RTC alarm
POR: Power-on reset
PDR: Power-down reset
PVD: Programmable voltage detector
1 x USB 2.0FS
1 x CAN 2.0B



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com