Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HR121-2815 Datasheet(PDF) 3 Page - Interpoint Corporation Company

Part # HR121-2815
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

HR121-2815 Datasheet(HTML) 3 Page - Interpoint Corporation Company

  HR121-2815 Datasheet HTML 1Page - Interpoint Corporation Company HR121-2815 Datasheet HTML 2Page - Interpoint Corporation Company HR121-2815 Datasheet HTML 3Page - Interpoint Corporation Company HR121-2815 Datasheet HTML 4Page - Interpoint Corporation Company HR121-2815 Datasheet HTML 5Page - Interpoint Corporation Company HR121-2815 Datasheet HTML 6Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
HR12
2 - 28
12
Base Model
Input Voltage
Output Voltage
Number of Outputs
(1 = single, 2 = dual)
B4-49
HR120 SERIES
12 WATT
DC/DC CONVERTERS
DUAL OUTPUT MODELS
HR122-2812
HR122-2815
PARAMETER
CONDITION
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
OUTPUT VOLTAGE
+VOUT
11.88
12.0
12.12
14.85
15.0
15.15
VDC
– VOUT
11.82
12.0
12.18
14.77
15.0
15.23
OUTPUT CURRENT1, 2
—
0.5
1.0
—
0.4
0.8
A
OUTPUT POWER2
+VOUT
—
—
10.8
—
—
10.8
– VOUT
—
—
10.8
—
—
10.8
W
TOTAL
—
—
12
—
—
12
OUTPUT RIPPLE
VOLTAGE
10 kHz TO 2 MHz
—
30
60
—
30
60
mV p-p
LINE REGULATION
+VOUT
—
5
50
—
5
50
mV
MIN. TO MAX. VIN
– VOUT
—
30
150
—
30
150
LOAD REGULATION
+VOUT
—
5
50
—
10
50
mV
NO LOAD TO FULL
– VOUT
—
30
150
—
30
150
CROSS REGULATION
20% TO 80% LOAD3
—
5
10
—
4
8
%
50% LOAD4
—4
5
—
3
5
INPUT VOLTAGE
CONTINUOUS
16
28
40
19
28
40
VDC
TRANSIENT 50 ms
—
—
50
—
—
50
INPUT CURRENT
NO LOAD
—
25
35
—
25
35
FULL LOAD
—
—
545
—
—
540
mA
INHIBITED
—
1.9
3
—
1.9
3
INPUT RIPPLE
CURRENT
10 kHz TO 2 MHz
—
175
240
—
175
240
mA p-p
EFFICIENCY
78
81
—
80
83
—
%
LOAD FAULT5
POWER DISSIPATION
OVERLOAD
—
—
2.8
—
—
2
W
SHORT CIRCUIT
—
—
5
—
—
5
START-UP
DELAY
—
150
250
—
150
250
ms
Notes
1. Applies to both outputs.
2. Maximum combined output power is 12 watts. A maximum of 90% is available from either output.
3. 20% to 80% load on the positive output and 80% to 20% on the negative output. See Figure 8.
4. 50% load on the positive output and 50% to 20% load on the negative output. 50% load on the negative output and
50% to 20% load on the positive output. See Figure 7.
5. Indefinite short circuit protection not guaranteed above 85°C case temperature.
Electrical Characteristics: 25°C Tc, 28 VDC Vin, 100% load, unless otherwise specified.
MODEL NUMBER KEY
PIN OUT
Pin
Single Output
Dual Output
1
Inhibit
Inhibit
2
No connection
Positive Output
3
Output Common
Output Common
4
Positive Output
Negative Output
5
No connection
No connection
6
Case Ground
Case Ground
7
Input Common
Input Common
8
Positive Input
Positive Input
BOTTOM VIEW
HR120
Squared corner and dot on
top of cover indicate pin one.
1
2345
87
6
FIGURE 1: PIN OUT
See Section B8, case E1, for dimensions



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com