Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSH1205S/ES Datasheet(PDF) 4 Page - Interpoint Corporation Company

Part # HSH1205S/ES
Description  DC/DC CONVERTERS 12 VOLT INPUT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

HSH1205S/ES Datasheet(HTML) 4 Page - Interpoint Corporation Company

  HSH1205S/ES Datasheet HTML 1Page - Interpoint Corporation Company HSH1205S/ES Datasheet HTML 2Page - Interpoint Corporation Company HSH1205S/ES Datasheet HTML 3Page - Interpoint Corporation Company HSH1205S/ES Datasheet HTML 4Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
®
4
HSH SERIES
1.5 WATT
TEST
HSH
HSH
STANDARD
/ES
PRE-CAP INSPECTION
Method 2017, 2032
yes
yes
TEMPERATURE CYCLE (10 times)
Method 1010, Cond. C, -65°C to 150°C
no
no
Method 1010, Cond. B, -55°C to 125°C
no
yes
CONSTANT ACCELERATION
Method 2001, 3000 g
no
no
Method 2001, 500 g
no
yes
BURN-IN
24 hours at 150°C case (typical)
yes
no
96 hours at 150°C case (typical)
no
yes
FINAL ELECTRICAL TEST MIL-PRF-38534, Group A
Subgroups 1, 2, 4, 5: +25°C, +125°C
yes
yes
HERMETICITY TESTING
Fine Leak, Method 1014, Cond. A
no
yes
Gross Leak, Method 1014, Cond. C
no
yes
Gross Leak, Dip (1 x 10-3)
yes
no
FINAL VISUAL INSPECTION
Method 2009
yes
yes
Test methods are referenced to MIL-STD-883 as determined by MIL-PRF-38534.
ENVIRONMENTAL SCREENING
HSH1205D Rev C (25°C eff.). This revision supercedes all previous releases.
All technical information is believed to be accurate, but no responsibility is assumed
for errors or omissions. Interpoint reserves the right to make changes in products
or specifications without notice. HSH Series is a trademark of Interpoint. Copyright
© 2003-2004 Interpoint Corporation. All rights reserved.
Contact Information:
Interpoint USA
Phone:
1-800-822-8782
+425-882-3100
Email:
power@intp.com
www.interpoint.com
Interpoint UK
Phone:
+44-1252-872266
Email:
poweruk@intp.com
Interpoint France
Phone:
+33-134285455
Email:
powerfr@intp.com
DC/DC CONVERTERS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com