Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFLHP2805S Datasheet(PDF) 3 Page - Interpoint Corporation Company

Part # MFLHP2805S
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MFLHP2805S Datasheet(HTML) 3 Page - Interpoint Corporation Company

  MFLHP2805S Datasheet HTML 1Page - Interpoint Corporation Company MFLHP2805S Datasheet HTML 2Page - Interpoint Corporation Company MFLHP2805S Datasheet HTML 3Page - Interpoint Corporation Company MFLHP2805S Datasheet HTML 4Page - Interpoint Corporation Company MFLHP2805S Datasheet HTML 5Page - Interpoint Corporation Company MFLHP2805S Datasheet HTML 6Page - Interpoint Corporation Company MFLHP2805S Datasheet HTML 7Page - Interpoint Corporation Company MFLHP2805S Datasheet HTML 8Page - Interpoint Corporation Company MFLHP2805S Datasheet HTML 9Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
B2-21
MFLHP SERIES
100 WATT
DC/DC CONVERTERS
Electrical Characteristics: –55°C to +100°C Tc, 28 VDC Vin, 100% load, free run, unless otherwise specified.
DUAL OUTPUT MODELS
MFLHP2805D
MFLHP2812D
MFLHP2815D
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
OUTPUT VOLTAGE
+VOUT 4.95
5.00
5.05
11.88 12.00
12.12
14.85 15.00
15.15
VDC
Tc = 25°C
–VOUT 4.92
5.00
5.08
11.82 12.00
12.18
14.77 15.00
15.23
OUTPUT CURRENT1
EACH OUTPUT
0
—
11.2
0
—
5.3
0
—
4.67
A
VIN = 19 TO 40 VDC
TOTAL
0
—
16.0
0
—
7.5
0
—
6.67
OUTPUT POWER
EACH OUTPUT
0
—
56
0
—
63
0
—
70
W
VIN = 19 TO 40 VDC
TOTAL
0
—
80
0
—
90
0
—
100
OUTPUT RIPPLE
10 kHz - 2 MHz
VOLTAGE
+VOUT
—
25
125
—
50
150
—
50
200
mV p-p
–VOUT
—
25
125
—
50
150
—
50
200
LINE REGULATION
+VOUT
—
0
50
—
0
50
—
0
50
mV
VIN = 19 TO 40 VDC
–VOUT
—
25
100
—
25
100
—
25
100
LOAD REGULATION
+VOUT
—
0
50
—
10
100
—
10
100
mV
NO LOAD TO FULL
–VOUT
—
25
100
—
50
200
—
50
200
CROSS REGULATION
SEE NOTE 2
—
6
8
—
2
4
—
2
4
%
Tc = 25°C
SEE NOTE 3
—
3
6
—
2
4
—
2
4
INPUT VOLTAGE
CONTINUOUS
19
28
40
19
28
40
19
28
40
VDC
NO LOAD TO FULL
TRANSIENT4 50 ms
0
—
80
0
—
80
0
—
80
V
INPUT CURRENT
NO LOAD
—
50
120
—
50
100
—
550
100
mA
Tc = 25°C
FULL LOAD
—
3.6
—
3.8
—
4.2
A
INHIBITED - INH1
—
9
14
—
9
14
—
9
14
mA
INHIBITED - INH2
—
35
70
—
35
70
—
35
70
INPUT RIPPLE
CURRENT
10 kHz - 10 MHz
—
15
50
—
15
50
—
15
50
mA p-p
EFFICIENCY 25°C Tc
BALANCED LOAD
77
80
—
83
86
—
84
87
—
%
LOAD FAULT5
POWER DISSIPATION
Tc = 25°C
SHORT CIRCUIT
—
15
20
—
15
20
—
15
20
W
RECOVERY
—
1.5
4.0
—
1.5
4.0
—
1.5
4.0
ms
STEP LOAD
50 %–100%– 50% LOAD
RESPONSE ± VOUT
TRANSIENT
—
350
450
—
450
700
—
450
700
mV pk
RECOVERY6
—
1.5
3.0
—
1.5
3.0
—
1.5
3.0
ms
STEP LINE
19 – 40 – 16 VIN
RESPONSE ± VOUT
TRANSIENT7
—
250
400
—
250
400
—
250
400
mV pk
RECOVERY6
—
200
300
—
200
300
—
200
300
µs
START–UP
DELAY
—
3.5
6
—
3.5
6
—
3.5
6
ms
OVERSHOOT
—
0
25
—
0
50
—
0
50
mV p
Notes
1. Up to 70% of the total output power is available from either output providing
the opposite output is simultaneously carrying 30% of the total power.
2. Effect on the
negative output under the following conditions:
+Pout 30% to 70%; –Pout 70% to 30%
3. Effect on the
negative output under the following conditions:
+Pout 50%; –Pout 10% to 50%
4. Unit will shut down above approximately 45V but will be undamaged and
will restart when voltage drops into normal range.
5. Indefinite short circuit protection not guaranteed above 100°C case.
6. Recovery time is measured from application of the transient to point at
which Vout is within 1% of final value.
7. Transition time
≥ 10 µs.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com