Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCH2815D Datasheet(PDF) 2 Page - Interpoint Corporation Company

Part # MCH2815D
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MCH2815D Datasheet(HTML) 2 Page - Interpoint Corporation Company

  MCH2815D Datasheet HTML 1Page - Interpoint Corporation Company MCH2815D Datasheet HTML 2Page - Interpoint Corporation Company MCH2815D Datasheet HTML 3Page - Interpoint Corporation Company MCH2815D Datasheet HTML 4Page - Interpoint Corporation Company MCH2815D Datasheet HTML 5Page - Interpoint Corporation Company MCH2815D Datasheet HTML 6Page - Interpoint Corporation Company MCH2815D Datasheet HTML 7Page - Interpoint Corporation Company MCH2815D Datasheet HTML 8Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TYPICAL CHARACTERISTICS
RECOMMENDED OPERATING CONDITIONS
ABSOLUTE MAXIMUM RATINGS
INHIBIT
2
MCH SERIES
1.5 WATT
DC/DC CONVERTERS
SINGLE OUTPUT MODELS
MCH2805S
MCH285R2S
MCH2812S
MCH2815S
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP MAX
MIN
TYP
MAX
MIN
TYP MAX
UNITS
OUTPUT VOLTAGE
1
Tc = 25°C
4.95
5
5.05
5.15
5.2
5.25 11.88
12
12.12 14.85
15
15.15
VDC
Tc = –55°C TO +125°C
4.80
5
5.20
5.00
5.2
5.40 11.52
12
12.48 14.40
15
15.60
OUTPUT CURRENT
V
IN
= 12 to 50 VDC
—
300
0
—
288
0
—
125
0
—
100
mA
OUTPUT POWER
V
IN
= 12 TO 50 VDC
0
—
1.5
0
—
1.5
0
—
1.5
0
—
1.5
W
OUTPUT RIPPLE
10 kHz - 2 MHz
—
45
150
—
45
150
—
50
200
—
35
150
mV p-p
VOLTAGE
Tc = –55°C TO +125°C
—
65
300
—
65
300
—
70
300
—
50
250
LINE REGULATION
V
IN
= 12 TO 50 VDC
—
35
100
—
35
100
—
60
200
—
70
300
mV
Tc = –55°C TO +125°C
—
40
120
—
40
120
—
70
250
—
80
350
LOAD REGULATION
10% TO FULL LOAD
—
350
700
—
350
700
—
600
1300
—
700
1500
Tc = –55°C TO +125°C
—
380
800
—
380
800
—
640
1400
—
760
1600
mV
50% TO FULL
—
100
200
—
100
200
—
145
300
—
165
350
Tc = –55°C TO +125°C
—
115
300
—
115
300
—
160
400
—
185
450
INPUT VOLTAGE
CONTINUOUS
12
28
50
12
28
50
12
28
50
12
28
50
VDC
NO LOAD TO FULL
TRANSIENT 120 ms
0
—
80
0
—
80
0
—
80
0
—
70
V
INPUT CURRENT
NO LOAD
—
5.5
10
—
5.5
10
—
6.0
10
—
6.0
11
Tc = –55°C TO +125°C
—
6.0
11
—
6.0
11
—
6.5
12
—
6.5
12
FULL LOAD
—
70
74
—
70
74
—
68
72
—
68
72
mA
Tc = –55°C TO +125°C
—
73
78
—
73
78
—
70
74
—
70
74
INHIBITED
—
2.3
3.2
—
2.3
3.2
—
2.3
3.2
—
2.3
3.2
Tc = –55°C TO +125°C
—
2.4
3.5
—
2.4
3.5
—
2.4
3.5
—
2.4
3.5
INPUT RIPPLE
10k Hz - 10 MHz
—
100
200
—
100
200
—
100
200
—
100
200
mA p-p
CURRENT
2
Tc = –55°C TO +125°C
—
130
250
—
130
250
—
150
250
—
150
250
EFFICIENCY
Tc = 25°C
72
77
—
72
77
—
74
79
—
74
79
—
%
Tc = –55°C TO +125°C
69
75
—
69
75
—
72
77
—
72
77
—
LOAD FAULT
3, 4
POWER DISSIPATION
—
1.3
2.0
—
1.3
2.0
—
2.0
3.2
—
2.3
3.7
W
Tc = –55°C TO +125°C
—
1.4
2.3
—
1.4
2.3
—
2.2
3.5
—
2.5
4.0
RECOVERY
—
3.0
12
—
3.0
12
—
3.5
15
—
4.0
18
ms
Tc = -–55°C TO +125°C
—
3.5
15
—
3.5
15
—
3.5
20
—
4.0
20
STEP LOAD
50 %–100%– 50% LOAD
RESPONSE
5
TRANSIENT
–400
185
400
–400
185
400
–700
350
700
–700
350
700
mV pk
Tc = –55°C TO +125°C
–500
185
500
–500
185
500
–800
380
800
–800
380
800
RECOVERY
—
125
500
—
125
500
—
130
500
—
140
600
µs
Tc =–55°C TO +125°C
—
125
600
—
125
600
—
130
600
—
180
750
STEP LINE
12 TO 50 TO 12 V
IN
RESPONSE
5
TRANSIENT
–400
170
400
–400
170
400
–900
400
900
–750
400
750
mV pk
Tc = –55°C TO +125°C
–500
180
500
–500
180
500 –1000 400
1000 –850
450
850
RECOVERY
—
0.75
3.0
—
0.75
3.0
—
0.6
2.5
—
0.47
2.0
ms
Tc = –55°C TO +125°C
—
0.75
4.0
—
0.75
4.0
—
0.6
3.0
—
0.5
2.5
START-UP
DELAY
—
7
20
—
7
20
—
7
20
—
7
20
ms
0 TO 28 VDC
Tc = –55°C TO +125°C
—
10
40
—
10
40
—
10
40
—
10
40
OVERSHOOT
—
0
100
—
0
100
—
0
250
—
0
300
mV pk
Tc = –55°C TO +125°C
—
0
150
—
0
150
—
0
350
—
0
450
Input Voltage
• 12 to 50 VDC
Output Power
• 1.5 W
Capacitive Load
• Single output models 200 µF
• Dual output models 100 µF
Lead Soldering Temperature (10 sec per lead)
• 300°C
Storage Temperature Range (Case)
• –65°C to +150°C
Input Voltage Range
• 12 to 50 VDC continuous
• 80 V for 120 msec transient
(70 V for 15 V single and dual models)
Case Operating Temperature (Tc)
• –55°C to +125°C full power
• –55°C to +135°C absolute
Derating Output Power/Current (Tc)
• Linearly from 100% at 125°C to 0% at 135°C
Inhibit – TTL Open Collector
• Logic low (output disabled) 0.8 V max
Inhibit pin current 1 mA max
• Referenced to input common
• Logic high (output enabled) open collector
See notes 1, 2, 3, 4, 5, and 6 on the following page.
Electrical Characteristics: 25°C Tc, 28 VDC Vin, 100% load, unless otherwise specified.
Output Voltage Temperature Coefficient
• 100 ppm/°C typical
Input to Output Capacitance
• 100 to 170 pF typical
Undervoltage Lockout
• 8 V input typical
Current Limit
• 125% of full load typical
Isolation
• 100 megohm minimum at 500 V
Audio Rejection 40 dB, typical
Conversion Frequency (kHz)
• 25°C, 300 min, 370 typ, 450 max
• –55°C to +125°C
270 min, 370 typ, 470 max
Inhibit Pin Voltage (unit enabled)
• 7 to 12 V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com