Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGA2812SZ/ES Datasheet(PDF) 6 Page - Interpoint Corporation Company

Part # MGA2812SZ/ES
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MGA2812SZ/ES Datasheet(HTML) 6 Page - Interpoint Corporation Company

  MGA2812SZ/ES Datasheet HTML 1Page - Interpoint Corporation Company MGA2812SZ/ES Datasheet HTML 2Page - Interpoint Corporation Company MGA2812SZ/ES Datasheet HTML 3Page - Interpoint Corporation Company MGA2812SZ/ES Datasheet HTML 4Page - Interpoint Corporation Company MGA2812SZ/ES Datasheet HTML 5Page - Interpoint Corporation Company MGA2812SZ/ES Datasheet HTML 6Page - Interpoint Corporation Company MGA2812SZ/ES Datasheet HTML 7Page - Interpoint Corporation Company MGA2812SZ/ES Datasheet HTML 8Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
B2-86
MGA SERIES
5 WATT
DC/DC CONVERTERS
Typical Performance Curves: 25°C Tc , 28 VDC Vin, 100% load, unless otherwise specified.
FIGURE 15
FIGURE 17
1ms/div
TURN-ON INTO NO LOAD, MGA2805S
Vin
Vout
200
µs/div
+Vout LOAD TRANSIENT RESPONSE
(10%
90%), MGA2815D
10% to 90%
90% to 10%
–Pout=0.5W
100
µs/div
INPUT LINE TRANSIENT RESPONSE
(16V TO 40V), MGA2805S
Vin
Vout
FIGURE 12
100
µs/div
LOAD TRANSIENT RESPONSE
(10%
100%), MGA2805S
10% to 100%
100% to 10%
FIGURE 13
200
µs/div
INPUT LINE TRANSIENT RESPONSE
(16V TO 40V), MGA2815D
Vin
+Vout
–Vout
FIGURE 16
FIGURE 14
100
µs/div
LOAD TRANSIENT RESPONSE
(50%
100%) MGA2805S
50% to 100%
100% to 50%
FIGURE 21
OUTPUT LOAD (%)
MGA2815D/MGA2812D
CROSS REGULATION
COND. A: 50% LOAD +V; 10% to 50% –V
COND. B: 50% LOAD –V; 10% to 50% +V
–5
0
5
10
20
30
40
50
–4
–3
–2
–1
1
2
3
4
2815D
2812D
2812D
COND B
COND A
100
µs/div
+Vout LOAD TRANSIENT RESPONSE
(10%
50%), MGA2815D
10% to 50%
50% to 10%
–Pout=2.5W
FIGURE 18
500
µs/div
TURN-ON INTO NO LOAD, MGA2815D
Vin
+Vout
–Vout
FIGURE 19
FIGURE 20
OUTPUT LOAD (+Vout %/–Vout %)
MGA2815D/MGA2812D
CROSS REGULATION
(90–10% LOAD on +V, 10-90% LOAD on –V)
–10
0
10
90/10 70/30 50/50 30/70 10/90
–8
–6
–4
–2
2
4
6
8
2815D
2812D
22222-001-DTS Rev A
DQ# 1034
All technical information is believed to be accurate, but no responsibility is
assumed for errors or omissions. Interpoint reserves the right to make changes in
products or specifications without notice. MGA Series is a trademark of Interpoint.
Copyright © 1998 - 1999 Interpoint. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com