Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4650 Datasheet(PDF) 13 Page - Analog Devices

Part # LTM4650
Description  Source/Sink Dual ±25A or Single ±50A μModule Regulator with Input Overvoltage Protection
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4650 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTM4650 Datasheet HTML 9Page - Analog Devices LTM4650 Datasheet HTML 10Page - Analog Devices LTM4650 Datasheet HTML 11Page - Analog Devices LTM4650 Datasheet HTML 12Page - Analog Devices LTM4650 Datasheet HTML 13Page - Analog Devices LTM4650 Datasheet HTML 14Page - Analog Devices LTM4650 Datasheet HTML 15Page - Analog Devices LTM4650 Datasheet HTML 16Page - Analog Devices LTM4650 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
LTM4652
13
Rev. 0
For more information www.analog.com
OPERATION
Power Module Description
The LTM4652 is a bidirectional dual-output standalone
nonisolated switching mode DC/DC power supply with
±1.5% total DC output error over line, load and temperature
variation. It can provide two ±25A outputs or single ±50A
output with few external input and output capacitors and
setup components. This module provides precisely regu-
lated output voltages programmable via external resistors
from 0.6VDC to 7.5VDC over 4.5V to 18V input voltages.
The typical application schematic is shown in Figure 31.
The LTM4652 has dual integrated constant-frequency
current mode regulators and built-in power MOSFET
devices with fast switching speed. The typical switching
frequency is 300kHz* to 780kHz depending on different
input and output conditions. For switching-noise sensi-
tive applications, it can be externally synchronized from
300kHz* to 780kHz. A resistor can be used to program a
free run frequency on the fSET pin. See the Applications
Information section.
With current mode control, multiple LTM4652s can be
easily paralleled to provide up to ±300A current with
excellent current sharing. Also, with current mode control,
the LTM4652 module is able to achieve sufficient stability
margins and a very fast ±3% output transient response
with a minimum number of output capacitors, even with
all ceramic output capacitors. This makes LTM4652 the
best candidate when powering FPGAs, ASICs and pro-
cessors in terms of DC accuracy, AC transient response,
high output current and accuracy current sharing. See
Applications Information section.
Current mode control provides cycle-by-cycle fast current
limit and foldback current limit in an overcurrent condi-
tion. Internal overvoltage and undervoltage comparators
pull the open-drain PGOOD outputs low if the output
feedback voltage exits a ±10% window around the reg-
ulation point. As the output voltage exceeds 10% above
regulation, the bottom MOSFET will turn on to clamp the
output voltage. The top MOSFET will be turned off. This
overvoltage protection is feedback voltage referred.
If desired, latch-off input overvoltage protection can
be implemented by connecting an appropriate resistor,
*Note that synchronization below 400kHz is not tested in ATE.
RVINOVP, from VIN to VINOVP. When the VINOVP pin
exceeds 1.22V, switching action ceases, i.e., both the top
MOSFET and bottom MOSFET are latched off. The module
can be restarted by cycling the RUN pins below their RUN
thresholds, or by cycling the TRACK pins to SGND or by
cycling VIN altogether.
Pulling the RUN pins below 1.1V forces the regulators
into a shutdown state, by turning off both MOSFETs.
The TRACK pins are used for programming the output
voltage ramp and voltage tracking during start-up or
used for soft-starting the regulator. See the Applications
Information section.
The LTM4652 has a built-in 10pF high frequency filter
cap from COMP to SGND for each channel. An exter-
nal RC filtering circuit is required to achieve fast Type II
control loop compensation. Table 6 provides a guide line
for input, output capacitances and R-C values on COMP
pin for several operating conditions. The Analog Devices
µModule Power Design Tool (LTpowerCAD®) provides for
transient and stability analysis. The VFB pin is used to pro-
gram the output voltage with a single external resistor to
ground. A differential remote sense amplifier is available
for sensing the output voltage accurately on one of the
outputs at the load point, or in parallel operation sensing
the output voltage at the load point.
High efficiency at light loads can be accomplished with
selectable pulse-skipping operation using the MODE_
PLLIN pin. This light load feature will accommodate bat-
tery operation. Efficiency graphs are provided for light load
operation in the Typical Performance Characteristics sec-
tion. See the Applications Information section for details.
A general purpose diode-configured PNP temperature
sensor is included inside the module to monitor the tem-
perature of the module. See the Applications Information
section for details.
The switch pins, SW1 and SW2, are available for func-
tional operation monitoring and a resistor-capacitor
snubber circuit can be careful placed on the switch pin
to ground to dampen any high frequency ringing on the
transition edges. See the Applications Information section
for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com