Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8301 Datasheet(PDF) 16 Page - Analog Devices

Part # LT8301
Description  Industrial SPoE PD Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8301 Datasheet(HTML) 16 Page - Analog Devices

Back Button LT8301 Datasheet HTML 12Page - Analog Devices LT8301 Datasheet HTML 13Page - Analog Devices LT8301 Datasheet HTML 14Page - Analog Devices LT8301 Datasheet HTML 15Page - Analog Devices LT8301 Datasheet HTML 16Page - Analog Devices LT8301 Datasheet HTML 17Page - Analog Devices LT8301 Datasheet HTML 18Page - Analog Devices LT8301 Datasheet HTML 19Page - Analog Devices LT8301 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LTC9111
16
Rev. 0
For more information www.analog.com
ILOAD
LTC9111
EN
GATE
IN
GND
VREG BULK CAP
BUCK
CONVERTER
2ND-ORDER FILTER
VPDBYPASS
EN
IN
SW
9111 F10
Figure 10. Filtering and Bypass for Dynamic Loads
AUXILIARY POWER
An auxiliary DC supply can be connected at the LTC9111
OUT pin or down-stream DC/DC converter output with a
diode, bypassing the LTC9111 features. In this case, the
auxiliary supply is responsible for inrush.
FAULT PROTECTION
PD Overload Condition
In the event of a PD current overload condition, it is antic-
ipated that the PSE will limit the port current as mandated
by IEEE 802.3cg, causing the voltage at the PD input to
collapse. When the PD input voltage drops below the VOFF
threshold, the LTC9111 will disable the external MOSFET
by pulling the GATE pin to the OUT pin and thus isolate
the overload from the cable.
PD Input Short
If the inputs of the PD are shorted together after appli-
cation of power, the high-side polarity correction diodes
prevent the PD bulk capacitor from backfeeding through
the coupling magnetics, thus protecting the LTC9111. A
voltage clamp such as a TVS diode may be necessary to
protect the PHY coupling capacitors and magnetics.
PD Load Dump
If the application produces a large load dump (e.g., the PD
current is quickly reduced to zero from a large value), the
input voltage to the LTC9111 may overshoot as the power
coupling network inductors discharge. The LTC9111 pro-
vides a large transient voltage capability of 100V in order
to accommodate such transients.
If other elements in the system do not have margin to
cover such transients, additional application bulk capac-
itance can absorb the energy from the charged induc-
tance, limiting the voltage stress experienced by the
application circuitry.
PD Disconnect
If a compliant PD is disconnected from a PSE, the 802.3cg
standard requires specific limits on the energy that can be
back-fed at the connector. In the recommended applica-
tion schematic, the high-side rectifier diodes isolate the
PD bulk capacitance from the connector, guaranteeing
compliance with this specification.
PD Connected to Voltage Source
The LTC9111 is designed primarily for connection to an
802.3cg complaint, classifying PSE. When a PD is pow-
ered directly by an auxiliary power supply, the state will
advance to the MDI_POWER2 state and enable the appli-
cation, provided the supply voltage exceeds VON for the
configured class. Note that the LTC9111 does not imple-
ment current limit or circuit breaker functionality.
OV Protection for 24V Classes
When the LTC9111 is configured for Class 10 through 12
(i.e., CLASSV pin is tied low), an overvoltage protection
feature is enabled to protect downstream elements in the
application from exposure to excessive voltage. When
the input voltage exceeds VOV (40V max), the gate of the
external hot swap MOSFET will be turned off, regardless
of the port state.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com