Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCH2815S/883 Datasheet(PDF) 1 Page - Interpoint Corporation Company

Part # MCH2815S/883
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MCH2815S/883 Datasheet(HTML) 1 Page - Interpoint Corporation Company

  MCH2815S/883 Datasheet HTML 1Page - Interpoint Corporation Company MCH2815S/883 Datasheet HTML 2Page - Interpoint Corporation Company MCH2815S/883 Datasheet HTML 3Page - Interpoint Corporation Company MCH2815S/883 Datasheet HTML 4Page - Interpoint Corporation Company MCH2815S/883 Datasheet HTML 5Page - Interpoint Corporation Company MCH2815S/883 Datasheet HTML 6Page - Interpoint Corporation Company MCH2815S/883 Datasheet HTML 7Page - Interpoint Corporation Company MCH2815S/883 Datasheet HTML 8Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
+
POSITIVE
INPUT
INHIBIT
FB
SHUTDOWN
PWM
CONTROLLER
INPUT
COMMON
+VIN
+VOUT
+
+
DUAL MODELS ONLY
NEGATIVE
OUTPUT
OUTPUT
COMMON
POSITIVE
OUTPUT
3
4
6
1
7
2
0.47
µF
typical
MCH SERIES
1.5 WATT
FEATURES
• -55°C to +125°C operation
• 12 to 50 VDC input
• Fully isolated
• Magnetic feedback
• Fixed frequency 370 kHz typ.
• Topology – Current Mode Flyback
• 80 V for up to 120 ms transient protection
(70 V for 15 V single and dual models)
• Inhibit function
• Short circuit protection
• Undervoltage lockout
MODELS
VDC OUTPUT
DESCRIPTION
With a miniature footprint of just 0.8 square inches, the MCH
Series™ of DC/DC converters delivers 1.5 watts of output power
while saving significant board real estate. The wide input voltage
range of 12 to 50 VDC accepts the varying voltages of military, aero-
space, or space bus power and tightly regulates output voltages to
protect downstream components. Transient protection of 80 volts for
up to 120 milliseconds exceeds the requirements of MIL-STD-704A
for the 5, 5.2, and 12 volt single models and the 12 volt dual model.
The 15 volt single and dual converters will withstand transients of up
to 70 volts for up to 120 milliseconds.
CONVERTER DESIGN
MCH Series DC/DC converters incorporate a continuous flyback
topology with a constant switching frequency of approximately 370
kHz. Current-mode pulse width modulation (PWM) provides output
voltage regulation. Output error voltage is magnetically fed back to
the input side of the PWM to regulate output voltage. Regulation is
also affected by the load; refer to the Electrical Characteristics
tables on the following pages.
Dual models regulate the negative output with magnetic coupling to
the positive output. Up to 80% of the total load may be on one output
providing that the other output carries a minimum of 20% of the total
load. The dual models can be used at double the output voltage by
connecting the load between positive and negative outputs, leaving
the common unconnected. (ex: MCH2805D can be used as a 10
VDC output.)
INHIBIT FUNCTION
When an open collector TTL logic low is applied to the inhibit
terminal, pin 7, the converter shuts down and lowers the output
voltage to near zero and input current to as low as 2.3 mA. Leaving
the terminal open or applying an open collector TTL logic high will
enable the converter.
PROTECTION FEATURES
Undervoltage lockout prevents the MCH Series converters from
operating below approximately 8 VDC input voltage to keep system
current levels smooth, especially during initialization or re-start oper-
ations. All models include a soft-start function to prevent large
current draw and minimize overshoot. The converters also provide
short circuit protection by restricting the current.
MIL-STD-461
Use Interpoint’s FMSA-461 EMI filter to pass the CE03 requirements
of MIL-STD-461C.
CONVENIENT PACKAGING
The MCH Series converters are packaged in hermetically sealed,
projection-welded metal cases which provide EMI/RFI shielding.
SINGLES
5
5.2
12
15
DUALS
±5
±12
±15
DC/DC CONVERTERS
28 VOLT INPUT
FIGURE 1: BLOCK DIAGRAM
Size (max.): 0.980 x 0.805 x 0.270 inches (24.89 x 20.45 x 6.86 mm)
Weight:
12 grams max.
Screening:
Standard, ES, or 883 (Class H)


Similar Part No. - MCH2815S/883

ManufacturerPart #DatasheetDescription
logo
Crane Aerospace & Elect...
MCH2815S/883 CRANE-MCH2815S/883 Datasheet
329Kb / 18P
MCH/MGH Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
MCH2815S/883 INTERPOINT-MCH2815S/883 Datasheet
344Kb / 13P
MCH/MGH Single and Dual DC-DC Converters 28 Volt input ??1.5 Watt
More results

Similar Description - MCH2815S/883

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
HR121-2805 INTERPOINT-HR121-2805 Datasheet
92Kb / 6P
DC/DC CONVERTERS 28 VOLT INPUT
MGA2805S INTERPOINT-MGA2805S Datasheet
126Kb / 8P
DC/DC CONVERTERS 28 VOLT INPUT
MGH2805S INTERPOINT-MGH2805S Datasheet
116Kb / 8P
DC/DC CONVERTERS 28 VOLT INPUT
MHV283R3S INTERPOINT-MHV283R3S Datasheet
241Kb / 14P
DC/DC CONVERTERS 28 VOLT INPUT
MSA2805S INTERPOINT-MSA2805S Datasheet
123Kb / 8P
DC/DC CONVERTERS 28 VOLT INPUT
SMFL283R3S INTERPOINT-SMFL283R3S Datasheet
206Kb / 10P
DC/DC CONVERTERS 28 VOLT INPUT
logo
Crane Aerospace & Elect...
HR41-2812 CRANE-HR41-2812 Datasheet
92Kb / 6P
DC/DC CONVERTERS 28 VOLT INPUT
HR121-2812 CRANE-HR121-2812 Datasheet
92Kb / 6P
DC/DC CONVERTERS 28 VOLT INPUT
HR301-285 CRANE-HR301-285 Datasheet
803Kb / 7P
DC/DC CONVERTERS 28 VOLT INPUT
MRH2812S CRANE-MRH2812S Datasheet
198Kb / 9P
DC/DC CONVERTERS 28 VOLT INPUT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com