Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFW2815S/ES Datasheet(PDF) 3 Page - Interpoint Corporation Company

Part # MFW2815S/ES
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MFW2815S/ES Datasheet(HTML) 3 Page - Interpoint Corporation Company

  MFW2815S/ES Datasheet HTML 1Page - Interpoint Corporation Company MFW2815S/ES Datasheet HTML 2Page - Interpoint Corporation Company MFW2815S/ES Datasheet HTML 3Page - Interpoint Corporation Company MFW2815S/ES Datasheet HTML 4Page - Interpoint Corporation Company MFW2815S/ES Datasheet HTML 5Page - Interpoint Corporation Company MFW2815S/ES Datasheet HTML 6Page - Interpoint Corporation Company MFW2815S/ES Datasheet HTML 7Page - Interpoint Corporation Company MFW2815S/ES Datasheet HTML 8Page - Interpoint Corporation Company MFW2815S/ES Datasheet HTML 9Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
B4-5
MFW SERIES
70 WATT
DC/DC CONVERTERS
DUAL AND TRIPLE OUTPUTS
MFW2812D
MFW2815D
MFW28512T
MFW28515T
PARAMETER
CONDITION
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
OUTPUT
FULL
MAIN
—
—
—
—
—
—
4.95
5.05
5.10
4.90
4.95
5.05
VOLTAGE
LOAD
DUAL
±11.88 ±12.00 ±12.12
±14.85 ±15.00 ±15.15 ±11.65
±11.80 ±12.05 ±15.05 ±15.30 ±15.55
VDC
OUTPUT
VIN =
MAIN
—
—
—
—
—
—
—
4.0
10.0
—
4.0
10.0
A
CURRENT1, 2
19 TO 40
DUAL
—
2.92
5.5
—
2.33
4.4
—
1.67
4.2
—
1.33
3.33
OUTPUT
MAIN
—
—
—
—
—
—
—
20
50
—
20
50
POWER1, 2
±DUAL
—
35
66.5
—
35
66.5
—
20
50
—
20
50
W
TOTAL
—
—
70
—
—70—
—60—
—60
OUTPUT
FULL LOAD
MAIN
——
—
—
———
50
85
—
50
85
mV p-p
RIPPLE
BW
≤ 2 MHz
DUAL
—
30
50
—
30
50
—
50
85
—
50
85
LINE
VIN =
MAIN
—
—
—
—
—
—
—
2
20
—
2
20
mV
REGULATION 19 TO 40
DUAL
—
10
25
—
10
25
—
100
200
—
100
200
LOAD3
NO LOAD
MAIN
—
—
—
—
—
—
—
5
20
—
5
20
mV
REGULATION TO FULL
DUAL
—
25
50
—
25
50
—
480
600
—
300
450
CROSS4
DUAL
REGULATION +PO = 3 W TO 35 W
–PO = 35 W
—
1.5
3.0
—
1.5
3.0
—
—
—
—
—
—
+PO = 20 W TO 50 W
%
–PO = 50 W TO 20 W
—
2.0
4.0
—
2.0
3.5
—
—
—
—
—
—
CROSS5
MAIN
+PO = 33 W
REGULATION DUAL
+PO = 3 W TO 27 W
—
—
—
—
—
—
—
2.3
6.0
—
2.3
5.0
–PO = 27 W TO 3 W
MAIN
%
+PO = 3 W TO 30 W
DUAL ±PO = 15 W
—
—
—
—
—
—
—
5.4
9.0
—
5.0
7.0
INPUT
VOLTAGE
19
28
40
19
28
40
19
28
40
19
28
40
VDC
INPUT
NO LOAD
—
75
90
—
75
90
—
60
110
—
60
110
mA
CURRENT
INHIBITED
—
30
35
—
30
35
—
30
35
—
30
35
INPUT REFL.
FULL LOAD
—
15
40
—
15
40
—
15
40
—
15
40
mA p-p
RIPPLE
BW
≤10 MHz
EFFICIENCY
80
83
—
80
83
—
80
84
—
80
84
—
%
STARTUP
—
15
25
—
15
25
—
6
10
—
6
10
ms
DELAY
Electrical Characteristics: 25°C Tc, 28 VDC Vin, 100% load, free run, unless otherwise specified.
Notes
1. On dual output models the maximum combined output power is 70 watts.
A maximum of 95% (66.5 W) is available from any single output.
2. On triple output models the maximum combined output power is 60 watts.
A maximum of 50 watts is available from a single output.
3. Balanced loads.
4. Regulation effect on the negative dual output during the defined conditions.
5. Regulation effect on both dual outputs during the defined conditions.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com