Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHF283R3SF/883 Datasheet(PDF) 14 Page - Interpoint Corporation Company

Part # MHF283R3SF/883
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MHF283R3SF/883 Datasheet(HTML) 14 Page - Interpoint Corporation Company

Back Button MHF283R3SF/883 Datasheet HTML 10Page - Interpoint Corporation Company MHF283R3SF/883 Datasheet HTML 11Page - Interpoint Corporation Company MHF283R3SF/883 Datasheet HTML 12Page - Interpoint Corporation Company MHF283R3SF/883 Datasheet HTML 13Page - Interpoint Corporation Company MHF283R3SF/883 Datasheet HTML 14Page - Interpoint Corporation Company MHF283R3SF/883 Datasheet HTML 15Page - Interpoint Corporation Company MHF283R3SF/883 Datasheet HTML 16Page - Interpoint Corporation Company MHF283R3SF/883 Datasheet HTML 17Page - Interpoint Corporation Company MHF283R3SF/883 Datasheet HTML 18Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
RECOMMENDED OPERATING CONDITIONS
TYPICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Input Voltage
• 16 to 48 VDC
Power Dissipation (Pd)
• 12 watts
Output Power
• 15 watts
Lead Soldering Temperature (10 sec per pin)
• 300°C
Storage Temperature Range (Case)
• –65°C to +150°C
2
MHF+ SERIES TRIPLE
15 WATT
DC/DC CONVERTERS
Output Voltage Temperature Coefficient
• 150 ppm/°C typical
Current Limit
• 130% typical
Isolation
• 100 megohm minimum at 500 V
Conversion Frequency
• Free run 375 minimum, 500 kHz maximum
• External sync range 400 to 600 kHz
Inhibit Pin Voltage (unit enabled)
• 10 V typical
Input Voltage Range
• 16 to 48 VDC continuous
• 80 V for up to 120 msec
Case Operating Temperature (Tc)
• –55°C to +125°C full power
• –55°C to +135°C absolute
Derating Output Power/Current
• Linearly from 100% at 125°C to 0% at 135°C
SYNC AND INHIBIT
Sync 400 to 600 kHz
• Duty cycle 40% to 60%
• Logic low 0.8 V max
• Logic high 4.5 V min, 10.0 V max
• If not used, leave unconnected
• Referenced to input common
Inhibit: TTL Open Collector
• Logic low (output disabled)
Logic low voltage
≤0.8 V max
Inhibit pin current 3.0 typ, 5.0 max
• Referenced to input common
Logic high (output enabled)
Open collector
Unconnected or 11 to 40 V
PWM CM
CONTROLLER
0
°
180
°
PWM CM
CONTROLLER
INPUT
COMMON
FEEDBACK ISOLATOR
FEEDBACK ISOLATOR
OUTPUT
COMMON
+ AUX.
OUTPUT
–AUX.
OUTPUT
POSITIVE
INPUT
SYNC
+5 OUTPUT
FIGURE 1: BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com