Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AGC-2/10-R Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # AGC-2/10-R
Description  1/4” x 1-1⁄4” Fast-acting glass tube fuses
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

AGC-2/10-R Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  AGC-2/10-R Datasheet HTML 1Page - Eaton All Rights Reserved. AGC-2/10-R Datasheet HTML 2Page - Eaton All Rights Reserved. AGC-2/10-R Datasheet HTML 3Page - Eaton All Rights Reserved. AGC-2/10-R Datasheet HTML 4Page - Eaton All Rights Reserved. AGC-2/10-R Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Technical Data 2543
Effective April 2020
AGC
1/4” x 1-1⁄4” Fast-acting glass tube fuses
www.eaton.com/electronics
Electrical characteristics
Amp Rating
% of Amp Rating
Opening Time
1/10 A – 40 A
100%
4 hours minimum
1/10 A – 40 A
135%
60 minutes maximum
1/10 A – 40 A
200%
120 seconds maximum
Product specifications
AC Interrupting rating (A)
Part Number
Current
rating
(A)
Voltage rating
(Vac)
250 V
125 V
32 V
Typical DC cold
resistance1 (Ω)
Typical melting2
I²t (A2s)
Typical voltage
drop3 (V)
AGC-1⁄10-R
0.1
250
35
10,000
1000
17.55
0.0010
15.168
AGC-1⁄8-R
0.125
250
35
10,000
1000
10.825
0.0020
10.854
AGC-3⁄16-R
0.1875
250
35
10,000
1000
6.050
0.0070
7.652
AGC-2⁄10-R
0.5
250
35
10,000
1000
4.800
0.0080
6.105
AGC-1⁄4-R
0.25
250
35
10,000
1000
1.550
0.0160
0.984
AGC-3⁄10-R
0.3
250
35
10,000
1000
1.084
0.0270
0.886
AGC-3⁄8-R
0.375
250
35
10,000
1000
0.703
0.0900
0.548
AGC-1⁄2-R
0.5
250
35
10,000
1000
0.483
0.3850
0.324
AGC-3⁄4-R
0.75
250
35
10,000
1000
0.272
1.7160
0.309
AGC-1-R
1.0
250
35
10,000
1000
0.167
3.2400
0.256
AGC-1-1⁄4-R
1.25
250
100
10,000
1000
0.122
5.0940
0.222
AGC-1-1⁄2-R
1.5
250
100
10,000
1000
0.077
9.0230
0.218
AGC-2-R
2.0
250
100
10,000
1000
0.063
17.520
0.199
AGC-2-1⁄4-R
2.25
250
100
10,000
1000
0.052
22.832
0.194
AGC-2-1⁄2-R
2.5
250
100
10,000
1000
0.045
28.688
0.193
AGC-3-R
3.0
250
100
10,000
1000
0.035
45.900
0.191
AGC-4-R
4.0
250
200
10,000
1000
0.024
86.560
0.179
AGC-5-R
5.0
250
200
10,000
1000
0.019
131.500
0.170
AGC-6-R
6.0
250
200
10,000
1000
0.015
144.360
0.165
AGC-7-R
7.0
250
200
10,000
1000
0.012
195.02
0.159
AGC-7-1⁄2-R
7.5
250
200
10,000
1000
0.012
216.00
0.155
AGC-8-R
8.0
250
200
10,000
1000
0.009
256.00
0.152
AGC-9-R
9.0
250
200
10,000
1000
0.009
395.28
0.148
AGC-10-R
10
250
200
10,000
1000
0.008
486.00
0.141
AGC-12-R
12
32
—
—
1000
0.006
696.96
0.138
AGC-14-R
14
32
—
—
1000
0.005
776.16
0.132
AGC-15-R
15
32
—
—
1000
0.005
807.75
0.128
AGC-20-R
20
32
—
—
1000
0.0034
2440.00
0.125
AGC-25-R
25
32
—
—
1000
0.0027
3875.00
0.120
AGC-30-R
30
32
—
—
1000
0.0024
4950.00
0.135
AGC-35-R
35
32
—
—
1000
0.0021
7350.00
0.130
AGC-40-R
40
32
—
—
1000
0.0016
11360.00
0.125
1. DC cold resistance measured at <10% of rated current
2. Typical melting I²t measured at listed interrupting rating and rated voltage
3. Typical voltage drop measured at +25 °C and rated current



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com