Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFW2815D/ES Datasheet(PDF) 6 Page - Interpoint Corporation Company

Part # MFW2815D/ES
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MFW2815D/ES Datasheet(HTML) 6 Page - Interpoint Corporation Company

  MFW2815D/ES Datasheet HTML 1Page - Interpoint Corporation Company MFW2815D/ES Datasheet HTML 2Page - Interpoint Corporation Company MFW2815D/ES Datasheet HTML 3Page - Interpoint Corporation Company MFW2815D/ES Datasheet HTML 4Page - Interpoint Corporation Company MFW2815D/ES Datasheet HTML 5Page - Interpoint Corporation Company MFW2815D/ES Datasheet HTML 6Page - Interpoint Corporation Company MFW2815D/ES Datasheet HTML 7Page - Interpoint Corporation Company MFW2815D/ES Datasheet HTML 8Page - Interpoint Corporation Company MFW2815D/ES Datasheet HTML 9Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
B4-8
MFW SERIES
70 WATT
DC/DC CONVERTERS
Typical Performance Curves: 25°C Tc , 28 VDC Vin, 100% load, free run, unless otherwise specified.
FIGURE 6
FIGURE 8
10
20
30
40
50
60
70
87
85
83
81
79
77
75
73
71
40 V
28 V
19 V
Output Power (Watts)
MFW2812D Efficiency vs Line & Load
10
20
30
40
50
60
70
87
85
83
81
79
77
75
73
71
40 V
28 V
19 V
Output Power (Watts)
MFW28512T Efficiency vs Line & Load
10
20
30
40
50
60
70
86
85
84
83
82
81
80
79
78
40 V
28 V
20 V
Output Power (Watts)
MFW2805S Efficiency vs Line & Load
FIGURE 3
10
20
30
40
50
60
70
89
88
87
86
85
84
83
82
81
40 V
28 V
19 V
Output Power (Watts)
MFW2812S Efficiency vs Line & Load
FIGURE 4
10
20
30
40
50
60
70
87
85
83
81
79
77
75
73
71
40 V
28 V
19 V
Output Power (Watts)
MFW2815D Efficiency vs Line & Load
FIGURE 7
FIGURE 5
10
20
30
40
50
60
70
89
88
87
86
85
84
83
82
81
40 V
28 V
19 V
Output Power (Watts)
MFW2815S Efficiency vs Line & Load
10
20
30
40
50
60
70
87
85
83
81
79
77
75
73
71
40 V
28 V
19 V
Output Power (Watts)
MFW28515T Efficiency vs Line & Load
FIGURE 9
15
10
20
30
40
50
60
70
16
17
18
283R5S
2815S
2812S
2805S
Output Power (Watts)
Low Line Dropout vs. Load (50 mV drop)
MFW Single Output Models
FIGURE 10
FIGURE 11
15
10
20
30
40
50
60
70
16
17
18
19
MFW2815D
MFW2812D
MFW28512T
MFW28515T
Output Power (Watts)
Low Line Dropout vs. Load (50 mV drop)
MFW Dual and Triple Output Models
20621-001-DTS Rev A
DQ# 1016
All technical information is believed to be accurate, but no responsibility is
assumed for errors or omissions. Interpoint reserves the right to make changes in
products or specifications without notice. MFW Series is a trademark of Interpoint.
Copyright © 1991- 1999 Interpoint. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com