Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHF2812SF/883 Datasheet(PDF) 19 Page - Interpoint Corporation Company

Part # MHF2812SF/883
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MHF2812SF/883 Datasheet(HTML) 19 Page - Interpoint Corporation Company

Back Button MHF2812SF/883 Datasheet HTML 13Page - Interpoint Corporation Company MHF2812SF/883 Datasheet HTML 14Page - Interpoint Corporation Company MHF2812SF/883 Datasheet HTML 15Page - Interpoint Corporation Company MHF2812SF/883 Datasheet HTML 16Page - Interpoint Corporation Company MHF2812SF/883 Datasheet HTML 17Page - Interpoint Corporation Company MHF2812SF/883 Datasheet HTML 18Page - Interpoint Corporation Company MHF2812SF/883 Datasheet HTML 19Page - Interpoint Corporation Company MHF2812SF/883 Datasheet HTML 20Page - Interpoint Corporation Company MHF2812SF/883 Datasheet HTML 21Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
7
DC/DC CONVERTERS
Note: Although every effort has been made to render the case drawings at actual size, variations in the printing process may cause some distortion. Please refer
to the numerical dimensions for accuracy.
CASE E
BOTTOM VIEW
See Figure 14
for pin configurations.
Squared corner and dot on top
of case indicate pin one.
1.460 max
(37.08)
1.130 max
(28.70)
Materials
Header Cold Rolled Steel/Nickel/Gold
Cover
Kovar/Nickel
(SMHF Series
Cold Rolled Steel/Nickel/Gold)
Pins
#52 alloy/Gold
compression glass seal
Case dimensions in inches (mm)
Tolerance
±0.005 (0.13) for three decimal places
±0.01 (0.3) for two decimal places
unless otherwise specified
CAUTION
Heat from reflow or wave soldering may damage
the device. Solder pins individually with heat
application not exceeding 300
°C for 10 seconds
per pin.
FIGURE 13: CASE E MAXIMUM DIMENSIONS
0.000
0.160
(4.06)
0.960
(24.38)
0.030 dia.
(0.76)
MHF+ Series Triple: Screening – Standard, ES, or 883
12
3
4
5
87
6
9
BOTTOM VIEW CASE E2
Projection Weld
Seam Seal
Squared corner and dot on top
of case indicate pin one.
FIGURE 14: CASE E2
MHF+ SERIES TRIPLE
15 WATT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com