Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EBCM-1-4-06-1-R-N-1-R-H Datasheet(PDF) 2 Page - Samtec, Inc

Part # EBCM-1-4-06-1-R-N-1-R-H
Description  HIGH-SPEED BACKPLANE CONNECTOR & CABLE SYSTEMS (2.00 mm) .0787" PITCH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

EBCM-1-4-06-1-R-N-1-R-H Datasheet(HTML) 2 Page - Samtec, Inc

  EBCM-1-4-06-1-R-N-1-R-H Datasheet HTML 1Page - Samtec, Inc EBCM-1-4-06-1-R-N-1-R-H Datasheet HTML 2Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
END 1: –V SHOWN
END 2: –L–G SHOWN
B
D
A
C
E
(23.68) .932
(34.60) 1.362
CABLE LENGTH + (19.58) .771
CABLE LENGTH ±1%
EBCF
Mates with:
EBCM, EBTM,
EBCL
EBCM
- GAUGE/
SIG. MAP
-PAIRSPER
COLUMN
-COLUMNS- END1
PIN
- END1
GUIDE
- END1
KEY
- CABLE
LENGTH
- END2
PIN
- END2 - END2
KEY
Cable
Header
–1
= 34 AWG/Tx
to Rx Sig. Map
–2
= 30 AWG/Tx
to Rx Sig. Map
–3
= 34 AWG/1:1
Sig. Map
–4
= 30 AWG/1:1
Sig. Map
–4
= 4 Pairs
–6
= 6 Pairs
–04,
–06, –08,
–10, –12,
–14, –16
–1
= Standard
–L
= Left
Guidance
–R
= Right
Guidance
–A
thru
–H
= Position
of Flat
on Key
(See Table)
–N
= No Key
–"XX"
= Length in
Inches
06"
(152.4 mm)
minimum
–1
= Standard
–L
= Male, Left
Guidance
–R
= Male, Right
Guidance
–FL
= Female,
Right-angle
Left Guidance
(–3 & –4 Signal
Map only)
–FR
= Female,
Right-angle
Right Guidance
(–3 & –4 Signal
Map only)
–FV
= Female,
Vertical
(–3 & –4 Signal
Map only)
(Leave
Blank
for –FV
End 2)
–A
thru
–H
= Position
of Flat
on Key
(See Table)
–N
= No Key
PAIRS PER
COLUMN
B
–4
(24.80) .976
–6
(32.00) 1.260
Unless otherwise approved in writing by Samtec, all parts and components are designed and built according to Samtec’s specifications which are subject to change without notice.
(2.00 mm) .0787" PITCH • BACKPLANE CABLES
EBCF
- GAUGE/
SIG. MAP
- PAIRS/
COLUMN
- COLUMNS - END1 - END1
PIN
- CABLE
LENGTH
- END2
OPTION
- END2
PIN
- END2
GUIDE
- END2
KEY
Cable
Socket
–1
= 34 AWG/
Tx to Rx Sig.
Map
–2
= 30 AWG/
Tx to Rx Sig.
Map
–3
= 34
AWG/1:1 Sig.
Map
–4
= 30
AWG/1:1 Sig.
Map
–4
= 4 Pairs
–6
= 6 Pairs
–04,
–06, –08,
–10, –12,
–14, –16
–V
= Vertical
Latch
–1
= Standard
–"XX"
= Length in
Inches
06" (152.4 mm)
minimum
–V
= Vertical
Latch
–R
= Right-
Angle
–1
= Standard
(–R End
Only)
–L
= Left
Guidance
–R
= Right
Guidance
(Leave
Blank for
no Key; –R
End Only)
–A
thru
–H
= Position
of Flat
on Key
(See Table)
END 1: –L–G SHOWN
END 2
Notes:
Some lengths, styles and
options are non-standard,
non-returnable. ExaMAX® is a
registered trademark of AFCI.
View complete specifications at:
samtec.com?EBCM
View complete specifications at:
samtec.com?EBCF
KEYING
–L /
–R
–A
–B
–C
–D
–E
–F
–G
–H
NO. OF
COLUMNS
A
C
E
–04
(10.60) .417 (14.85) .585 (19.15) .754
–06
(14.60) .575 (18.85) .742
(23.15) .911
–08
(18.60) .732 (22.85) .900 (27.15) 1.069
–10
(22.60) .890 (26.85) 1.057 (31.15) 1.226
–12
(26.60) 1.047 (38,85) 1.530 (43.15) 1.699
–14
(30.60) 1.205 (34.85) 1.372 (39.15) 1.541
–16
(34.60) 1.362 (38,85) 1.530 (43.15) 1.699
PAIRS
PER
COLUMN
B
D
–4
(23.00)
.906
(22.70)
.894
–6
(30.20)
1.189
(29.90)
1.177
(14.60)
.575
(24.00) .945
CABLE LENGTH + (21.18) .834
CABLE LENGTH ±1%
B
A
B
A
B
D
A
C
E
(23.68) .932
(34.60) 1.362
CABLE LENGTH + (19.58) .771
CABLE LENGTH ±1%
NO. OF
COLUMNS
A
–04
(17.45) .687
–06
(21.45) .845
–08
(25.45) 1.002
–10
(29.45) 1.159
–12
(33.45) 1.317
–14
(37.45) 1.474
–16
(41.45) 1.632
EBCM
Mates with:
EBCF, EBTF,
EBCB
F
G
H
E
D
C
A
B
F
G
H
E
D
C
A
B
F
G
H
E
D
C
A
B
F
G
H
E
D
C
A
B
F
G
H
E
D
C
A
B
F
G
H
E
D
C
A
B
F
G
H
E
D
C
A
B
F
G
H
E
D
C
A
B
F-221 (Rev 30SEP21)
samtec.com/ExaMAX



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com