Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLP2805SF/ES Datasheet(PDF) 4 Page - Interpoint Corporation Company

Part # MLP2805SF/ES
Description  DC/DC CONVERTERS 12 AND 28 VOLT INPUT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MLP2805SF/ES Datasheet(HTML) 4 Page - Interpoint Corporation Company

  MLP2805SF/ES Datasheet HTML 1Page - Interpoint Corporation Company MLP2805SF/ES Datasheet HTML 2Page - Interpoint Corporation Company MLP2805SF/ES Datasheet HTML 3Page - Interpoint Corporation Company MLP2805SF/ES Datasheet HTML 4Page - Interpoint Corporation Company MLP2805SF/ES Datasheet HTML 5Page - Interpoint Corporation Company MLP2805SF/ES Datasheet HTML 6Page - Interpoint Corporation Company MLP2805SF/ES Datasheet HTML 7Page - Interpoint Corporation Company MLP2805SF/ES Datasheet HTML 8Page - Interpoint Corporation Company MLP2805SF/ES Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TYPICAL PERFORMANCE CURVE
OUTPUT ADJUSTMENT RESISTOR VALUES
FOR MHE2805S AND MLP2805S
B4-16
MHE/MLP SERIES
20 WATT
DC/DC CONVERTERS
FIGURE 2
Output Power (Watts)
MLP2815S Efficiency
72
84
82
80
76
74
2.5
15.0
5.0
7.5
10.0
12.5
78
86
18 V
28 V
36 V
MODEL NUMBERING KEY
MHE
28 12 S
F / ES
Base Model
Input Voltage
Output Voltage
Screening
Number of Outputs
Case Option
(Non-flanged case has no designator in
this position)
(S = single, D = dual)
(Standard screening has no designator
in this position.)
PIN OUT
Pin
Single Output
Dual Output
1
Positive Input
Positive Input
2
Inhibit
Inhibit
3
Output Adjust
Positive Output
4
Output Common
Output Common
5
Positive Output
Negative Output
6
No connection
No connection
7
No connection
No connection
8
Case Ground
Case Ground
9
No connection
No connection
10
Input Common
Input Common
BOTTOM VIEW
MHE and MLP
Squared corner and dot on
top of cover indicate pin one.
Dotted line outlines flanged package option.
12
6
10
345
7
8
9
See Section B8, case H4, H6, K5 and K7 for dimensions.
Output Adjustment all single output models:
The output can be adjusted upward by using the output
adjust (pin3). The resistance between output adjust (pin 3)
and output common (pin 4) will determine the magnitude of
the increase in the output. The table above is applicable
only to MHE2805S and MLP2805S.
Resistance
Output Voltage
Pin 3 to 4
Increase (%)
∞
0
390K
+1%
145K
+2%
63K
+3%
22K
+4%
0
+5%
FIGURE 1: PIN OUT
22820-001-DTS Rev B
All technical information is believed to be accurate, but no responsibility is assumed for
errors or omissions. Interpoint reserves the right to make changes in products or spec-
ifications without notice. MHE Series and MLP Series are trademarks of Interpoint.
Copyright © 1995 - 1999 Interpoint. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com