Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSA2805S/883 Datasheet(PDF) 7 Page - Interpoint Corporation Company

Part # MSA2805S/883
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MSA2805S/883 Datasheet(HTML) 7 Page - Interpoint Corporation Company

  MSA2805S/883 Datasheet HTML 1Page - Interpoint Corporation Company MSA2805S/883 Datasheet HTML 2Page - Interpoint Corporation Company MSA2805S/883 Datasheet HTML 3Page - Interpoint Corporation Company MSA2805S/883 Datasheet HTML 4Page - Interpoint Corporation Company MSA2805S/883 Datasheet HTML 5Page - Interpoint Corporation Company MSA2805S/883 Datasheet HTML 6Page - Interpoint Corporation Company MSA2805S/883 Datasheet HTML 7Page - Interpoint Corporation Company MSA2805S/883 Datasheet HTML 8Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
MSA SERIES
5 WATT
DC/DC CONVERTERS
CASE C
BOTTOM VIEW
See Figure 20
for pin configurations.
1.075 max
(27.31)
Materials
Header Cold Rolled Steel/Nickel/Gold
Cover
Cold Rolled Steel/Nickel
Pins
Copper/Nickel/Gold
compression glass seal
Case dimensions in inches (mm)
Tolerance
±0.005 (0.13) for three decimal places
±0.01 (0.3) for two decimal places
unless otherwise specified
1.075 max
(27.31)
CAUTION
Heat from reflow or wave soldering may
damage
the
device.
Solder
pins
individually with heat application not
exceeding 300
°C for 10 seconds per
pin.
Dot on top of case
indicates pin one
0.000
0.132
(3.35)
0.932
(23.67)
876
5
4
3
2
1
0.025
(0.64)
dia.
MSA Series: Screening – Standard, ES, or 883
BOTTOM VIEW CASE C1
Projection Weld
Seam Seal
Squared corner and dot on
top of case indicate pin one.
FIGURE 20: CASE C1
FIGURE 19: CASE C MAXIMUM DIMENSIONS
Note: Although every effort has been made to render the case drawings at actual size, variations in the printing process may cause some distortion. Please refer
to the numerical dimensions for accuracy.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com