Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHP27015D/ES Datasheet(PDF) 7 Page - Interpoint Corporation Company

Part # MHP27015D/ES
Description  DC/DC CONVERTERS 270 VOLT INPUT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MHP27015D/ES Datasheet(HTML) 7 Page - Interpoint Corporation Company

  MHP27015D/ES Datasheet HTML 1Page - Interpoint Corporation Company MHP27015D/ES Datasheet HTML 2Page - Interpoint Corporation Company MHP27015D/ES Datasheet HTML 3Page - Interpoint Corporation Company MHP27015D/ES Datasheet HTML 4Page - Interpoint Corporation Company MHP27015D/ES Datasheet HTML 5Page - Interpoint Corporation Company MHP27015D/ES Datasheet HTML 6Page - Interpoint Corporation Company MHP27015D/ES Datasheet HTML 7Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
MHP270 Screening Standard & ES
page 1 of 1
TEST
MHP270
MHP270
STANDARD
/ES
Pre-cap Inspection
Method 2017, 2032
yes
yes
Temperature Cycle (10 times)
Method 1010, Cond. B, -55°C to 125°C, ambient
no
yes
Constant Acceleration
Method 2001, 500 g
no
yes
Burn-In
96 hours at 100°C case, typical
no
yes
Final Electrical Test MIL-PRF-38534, Group A
Subgroups 1 and 4: +25°C case
yes
yes
Hermeticity Test
Fine Leak, Method 1014, Cond. A
no
yes
Gross Leak, Method 1014, Cond. C
no
yes
Gross Leak, Dip (1 x 10-3)
yes
no
Final Visual Inspection
Method 2009
yes
yes
Test methods are referenced to MIL-STD-883 as determined by MIL-PRF-38534.
QA SCREENING: MHP270 (STANDARD & ES)
MHP270 SCREENING (STANDARD & ES)
QA Screening MHP270 Standard & ES Rev B September 2005.
This revision supercedes all previous releases. All technical infor-
mation is believed to be accurate, but no responsibility is
assumed for errors or omissions. Interpoint reserves the right to
make changes in products or specifications without notice.
Copyright © 2005 Interpoint Corporation. All rights reserved.
7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com