Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSR2812D/ES Datasheet(PDF) 2 Page - Interpoint Corporation Company

Part # MSR2812D/ES
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MSR2812D/ES Datasheet(HTML) 2 Page - Interpoint Corporation Company

  MSR2812D/ES Datasheet HTML 1Page - Interpoint Corporation Company MSR2812D/ES Datasheet HTML 2Page - Interpoint Corporation Company MSR2812D/ES Datasheet HTML 3Page - Interpoint Corporation Company MSR2812D/ES Datasheet HTML 4Page - Interpoint Corporation Company MSR2812D/ES Datasheet HTML 5Page - Interpoint Corporation Company MSR2812D/ES Datasheet HTML 6Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
INHIBIT
TYPICAL CHARACTERISTICS
RECOMMENDED OPERATING CONDITIONS
SINGLE AND DUAL OUTPUT MODELS
MSR2805S
MSR2812D
MSR2815D
PARAMETER1
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
OUTPUT VOLTAGE
4.90
5.0
5.10
±11.88
±12
±12.12
±14.85
±15
±15.15
VDC
OUTPUT CURRENT
16 TO 32 VIN
—
—
700
—
—
±167
—
—
±133
mA
OUTPUT POWER
Tc = –55°C TO +85°C
—
—
3.5
—
—
4.0
—
—
4.0
W
OUTPUT RIPPLE
BW = DC TO 1 MHz
—
75
150
—
75
150
—
75
150
mV p-p
LINE REGULATION
16 TO 32 VIN
—
5
10
—
10
20
—
10
20
mV
LOAD REGULATION
NO LOAD TO FULL
—
25
50
—
12
24
—
12
24
mV
INPUT VOLTAGE
Tc = –55°C TO +85°C
16
28
32
16
28
32
16
28
32
VDC
TRANSIENT 50 ms
—
—
40
—
—
40
—
—
40
V
INPUT CURRENT
NO LOAD
—
7
10
—
10
15
—
10
15
FULL LOAD
—
—
192
—
—
213
—
—
213
mA
INHIBITED
—
—
2
—
—
15
—
—
15
EFFICIENCY
65
70
—
67
70
—
67
70
—
%
B4-28
MSR SERIES
4 WATT
DC/DC CONVERTERS
ABSOLUTE MAXIMUM RATINGS
Input Voltage Range
• 16 to 32 VDC continuous
• 40 V for 50 msec transient
Case Operating Temperature (Tc)
• –55°C to +85°C full power
• –55°C to +115°C absolute
Derating Output Power/Current
• Linearly from 100% at 85°C to 0% at 115°C
Inhibit TTL Open Collector
• Logic low (output disabled)
≤ 0.8 V
• Referenced to input common
• Logic high (output enabled)
≥ 12 V
Open collector
Required
Minimum
Model
Connection
Capacitor Value1
Single Output
Positive Output (12 & 13) to
MSR2805S
Output Common (8 & 9)
220 µF, 10 V
Positive Output (10) to
Dual Outputs2
Output Common (8)
100 µF, 25 V
MSR2812D
External Capacitor (14) to
100 µF, 25 V
and
Output Common (8)3
MSR2815D
Negative Output (12) to
10 µF, 25 V
Output Common (8)
FEEDBACK
LOGIC
TIMING
CONTROL
SWITCH
10
POSITIVE
OUTPUT
8
12
1, 2
POSITIVE
INPUT
15
INHIBIT
17, 18
INPUT
COMMON
14
NEGATIVE
OUTPUT
OUTPUT
COMMON
EXTERNAL
CAPACITOR
TERMINAL
100
µF
10
µF
100
µF
+
+
+
EXTERNAL
CAPACITORS
VOLTAGE
REGULATOR
FIGURE 1: DUAL OUTPUT EXTERNAL CAPACITOR CONNECTIONS
Notes – Table 1
1. Capacitors should be high quality, low ESR components —
solid tantalum is recommended.
2. See Figure 1 for connection diagram
3. Place positive side of capacitor toward pin 8.
TABLE 1: EXTERNAL CAPACITOR REQUIREMENTS
Electrical Characteristics: 25°C Tc, 28 VDC Vin, 100% load, unless otherwise specified.
Input Voltage
• 16 to 32 VDC
Output Power
• 3.2 to 4 watts depending on model
Lead Soldering Temperature (10 sec per lead)
• 300°C
Storage Temperature Range (Case)
• –-65°C to +150°C
Output Voltage Temperature Coefficient
• MSR2805S 100 ppm/°C typ, 200 max.
• MSR28XXD 50 ppm/°C typ
• MSR285XXT 100 ppm/°C typ
Input to Output Capacitance
• 60 pF typical
Isolation
• 100 megohm minimum at 500 V
Conversion Frequency
• Single and dual output models, 80 kHz at
full load typical, variable frequency
• Triple output models, 200 kHz typical
fixed frequency
Inhibit Pin Voltage (unit enabled)
• 12 to 28 V
WARNING:EXTERNAL CAPACITORS REQUIRED
Notes
1. External capacitors required to prevent damage to internal circuitry (see
Table 1 for specifications).
2. Dual output models deliver up to 4 watts total for balanced or unbalanced
loads, however, the positive output should carry at least 25% of the total load.
SINGLE AND DUAL OUTPUT EXTERNAL CAPACITORS
OPERATION WITHOUT EXTERNAL CAPACITORS WILL RESULT IN DAMAGE TO THE INTERNAL CIRCUITRY.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com