Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTW2812S/ES Datasheet(PDF) 4 Page - Interpoint Corporation Company

Part # MTW2812S/ES
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MTW2812S/ES Datasheet(HTML) 4 Page - Interpoint Corporation Company

  MTW2812S/ES Datasheet HTML 1Page - Interpoint Corporation Company MTW2812S/ES Datasheet HTML 2Page - Interpoint Corporation Company MTW2812S/ES Datasheet HTML 3Page - Interpoint Corporation Company MTW2812S/ES Datasheet HTML 4Page - Interpoint Corporation Company MTW2812S/ES Datasheet HTML 5Page - Interpoint Corporation Company MTW2812S/ES Datasheet HTML 6Page - Interpoint Corporation Company MTW2812S/ES Datasheet HTML 7Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MTW
28 12 D / ES
Base Model
Voltage In
Output Voltage
Screening
Number of Outputs
(S = single, D = dual)
(Standard screening has no designator
in this position.)
B4-12
MTW SERIES
30 WATT
DC/DC CONVERTERS
Typical Performance Curves: 25°C Tc
FIGURE 5
FIGURE 7
Output Power (Watts)
MTW2815D Efficiency
72
84
82
80
76
74
15
510
78
86
18 V
40 V
20
25
30
68
70
88
28 V
Output Power (Watts)
MTW2812D and MTW2815D
Low Line Dropout
15
17
15
510
16
20
25
30
14
18
MTW2812D
MTW2815D
Output Power (Watts)
MTW2805S Efficiency
72
84
82
80
76
74
15
510
78
86
28 V
19 V
40 V
20
25
30
68
70
88
FIGURE 2
Output Power (Watts)
MTW2812S Efficiency
72
84
82
80
76
74
15
510
78
86
28 V
18 V
40 V
20
25
30
68
70
88
FIGURE 3
Output Power (Watts)
MTW2812S and MTW2815S
Low Line Dropout
15
17
15
510
16
20
25
30
14
18
MTW2815S
MTW2812S
FIGURE 6
FIGURE 4
Output Power (Watts)
MTW2812D Efficiency
72
84
82
80
76
74
15
510
78
86
20
25
30
68
70
88
28 V
18 V
40 V
MODEL NUMBERING KEY
24421-001-DTS Rev A
DQ# 1017
All technical information is believed to be accurate, but no responsibility is
assumed for errors or omissions. Interpoint reserves the right to make changes in
products or specifications without notice. MTW Series is a trademark of Interpoint.
Copyright © 1994 - 1999 Interpoint. All rights reserved.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com