Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTR2815SF/883 Datasheet(PDF) 8 Page - Interpoint Corporation Company

Part # MTR2815SF/883
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MTR2815SF/883 Datasheet(HTML) 8 Page - Interpoint Corporation Company

Back Button MTR2815SF/883 Datasheet HTML 4Page - Interpoint Corporation Company MTR2815SF/883 Datasheet HTML 5Page - Interpoint Corporation Company MTR2815SF/883 Datasheet HTML 6Page - Interpoint Corporation Company MTR2815SF/883 Datasheet HTML 7Page - Interpoint Corporation Company MTR2815SF/883 Datasheet HTML 8Page - Interpoint Corporation Company MTR2815SF/883 Datasheet HTML 9Page - Interpoint Corporation Company MTR2815SF/883 Datasheet HTML 10Page - Interpoint Corporation Company MTR2815SF/883 Datasheet HTML 11Page - Interpoint Corporation Company MTR2815SF/883 Datasheet HTML 12Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
4
MTR SERIES
30 WATT
DC/DC CONVERTERS
Typical Performance Curves: 25°C Tc, 28 VDC Vin, 100% load, free run, unless otherwise specified.
OUTPUT POWER (WATTS)
1% DROP
MTR28512T LOW LINE DROPOUT VS. LOAD
13.5
5
14.0
14.5
15.0
15.5
16.0
10
15
20
25
30
FIGURE 30
OUTPUT POWER (WATTS)
1% DROP
MTR28515T LOW LINE DROPOUT VS. LOAD
13.5
5
14.0
14.5
15.0
15.5
16.0
10
15
20
25
30
FIGURE 31
FIGURE 27
FIGURE 29
50%
100%
MTR28515T STEP LOAD RESPONSE
+5 V
+AUX
–AUX
50% to 100%
50% to 100%
50
µs/div
1ms/div
500
µs/div
MTR28515T, AUX. (
±15)TURN-ON INTO FULL LOAD
VIN
±15 VOUT
OUTPUT POWER (WATTS)
MTR28515T EFFICIENCY
55
80
75
70
65
60
5
1015202530
16V
40V
28V
FIGURE 24
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
FREQUENCY (kHz)
MTR SERIES AUDIO REJECTION
FIGURE 25
500
µs/div
MTR28515T, MAIN (+5) TURN-ON INTO FULL LOAD
VIN
+5 VOUT
FIGURE 28
FIGURE 26
50
µs/div
16V TO 40V
MTR28515T STEP LINE RESPONSE
VIN
+5 VOUT
+AUX
–AUX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com