Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTR2815DF/883 Datasheet(PDF) 6 Page - Interpoint Corporation Company

Part # MTR2815DF/883
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MTR2815DF/883 Datasheet(HTML) 6 Page - Interpoint Corporation Company

Back Button MTR2815DF/883 Datasheet HTML 2Page - Interpoint Corporation Company MTR2815DF/883 Datasheet HTML 3Page - Interpoint Corporation Company MTR2815DF/883 Datasheet HTML 4Page - Interpoint Corporation Company MTR2815DF/883 Datasheet HTML 5Page - Interpoint Corporation Company MTR2815DF/883 Datasheet HTML 6Page - Interpoint Corporation Company MTR2815DF/883 Datasheet HTML 7Page - Interpoint Corporation Company MTR2815DF/883 Datasheet HTML 8Page - Interpoint Corporation Company MTR2815DF/883 Datasheet HTML 9Page - Interpoint Corporation Company MTR2815DF/883 Datasheet HTML 10Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
2
MTR SERIES
30 WATT
DC/DC CONVERTERS
Typical Performance Curves: 25°C Tc, 28 VDC Vin, 100% load, free run, unless otherwise specified.
FIGURE 9
FIGURE 11
OUTPUT POWER (Watts)
MTR2812D EFFICIENCY
60
85
80
75
70
65
5
101520
16V
40V
28V
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
FREQUENCY (kHz)
AUDIO REJECTION, MTR SERIES
OUTPUT POWER (Watts)
MTR2805S EFFICIENCY
60
85
80
75
70
65
5
10152025
16V
40V
28V
FIGURE 6
OUTPUT POWER (Watts)
MTR2812S EFFICIENCY
60
85
80
75
70
65
5
16V
28V
40V
10
15
20
FIGURE 7
OUTPUT POWER (Watts)
MTR2815D EFFICIENCY
65
90
85
80
75
70
5
101520
40V
28V
16V
FIGURE 10
FIGURE 8
OUTPUT POWER (Watts)
MTR2815S EFFICIENCY
62
87
82
77
72
67
5
16V
28V
40V
10
15
20
25
MODEL NUMBERING KEY
SMD NUMBERS
MTR
28 512 T
F / 883
Base Model
Input Voltage
Output Voltage
Screening
Number of Outputs
Case Option
("F" indicates flanged option, non-flanged
case has no designator in this position)
(S = single, D = dual, T = triple)
(Main and aux. Vout for triple models)
(Standard screening has no designator
in this position.)
STANDARD MICROCIRCUIT
DRAWING (SMD)
5962-0150101HXC
5962-9306801HXC
5962-9306901HXC
5962-9307001HXC
5962-9320201HXC
5962-9320501HXC
5962-9307101HXC
5962-9307201HXC
5962-9307301HXC
5962-9307401HXC
MTR SERIES
SIMILAR PART
MTR283R3S/883
MTR2805S/883
MTR2812S/883
MTR2815S/883
MTR2818S/883
MTR2805D/883
MTR2812D/883
MTR2815D/883
MTR28512T/883
MTR28515T/883
To indicate the flanged case option change the “X” to “Z” In the SMD
number. The SMD number shown is for Class H screening, non-
flanged. For exact specifications for an SMD product, refer to the SMD
drawing. SMDs can be downloaded from:
http://www.dscc.dla.mil/programs/smcr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com