Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2203 Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # LP2203
Description  CIT SWITCH
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

LP2203 Datasheet(HTML) 1 Page - CIT Relay & Switch

  LP2203 Datasheet HTML 1Page - CIT Relay & Switch LP2203 Datasheet HTML 2Page - CIT Relay & Switch LP2203 Datasheet HTML 3Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Website: www.citswitch.com
Tel: 763-535-2339 Fax: 763-535-2194
SPECIFICATIONS
Electrical Ratings
100mA @ 30VDC
Electrical Life
100,000 cycles typical
Contact Resistance
< 50 m
Ω initial
Actuation Force
180 +/- 50gF
Actuator Travel
1.5 mm to lock
2.5 mm full travel
Dielectric Strength
1000Vrms min
Insulation Resistance
> 100M
Ω min
Operating Temperature
Storage Temperature
-40
°C to 85°C
-40
°C to 85°C
MATERIALS
←RoHS COMPLIANT
Actuator
Acetal
Housing
PBT
Cover
Acetal
Latching Pin
Stainless Steel
Spring
Stainless Steel
Contacts
Phosphor Bronze, Silver Plated
Terminals
Brass, Silver Plated
ORDERING INFORMATION
1. Series:
LP2203
LP2203
2. Actuation Force:
F180 = 180gF
F180
3. Latching:
N = Non-latching
L = Latching
N
4. Actuator Options:
X = 2mm X 3mm head
Y = 3.3 square head
Z = 2.8 square head
Z
A
5. Termination:
A = PC Pins, straight
B = PC pins with bend
6. Caps:
Blank = No Cap
C01
C02
C03
C04
C05
C11
C12
C13
C14
C15
C16
C17
C18
C19
C22
C23
C24
C25
Cap Colors:
**See Cap Options for color availability
**Caps available with Y & Z actuators only
DIMENSIONS
X
Y
Z
LP2203


Similar Part No. - LP2203

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP2203 POWER-LP2203 Datasheet
392Kb / 8P
200mA,Dual Channel Ultra-Fast CMOS LDO Regulator
LP2203-18/26U6F POWER-LP2203-18/26U6F Datasheet
392Kb / 8P
200mA,Dual Channel Ultra-Fast CMOS LDO Regulator
LP2203-18/28U6F POWER-LP2203-18/28U6F Datasheet
392Kb / 8P
200mA,Dual Channel Ultra-Fast CMOS LDO Regulator
LP2203-18/33U6F POWER-LP2203-18/33U6F Datasheet
392Kb / 8P
200mA,Dual Channel Ultra-Fast CMOS LDO Regulator
LP2203-25/28U6F POWER-LP2203-25/28U6F Datasheet
392Kb / 8P
200mA,Dual Channel Ultra-Fast CMOS LDO Regulator
More results

Similar Description - LP2203

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
CIT SWITCH
A61AS6VDC.9 CIT-A61AS6VDC.9 Datasheet
144Kb / 2P
CIT SWITCH
A111AS12VDC.60 CIT-A111AS12VDC.60 Datasheet
183Kb / 2P
CIT SWITCH
ANP11F4B CIT-ANP11F4B Datasheet
374Kb / 7P
CIT SWITCH
BNP10SBQ CIT-BNP10SBQ Datasheet
295Kb / 5P
CIT SWITCH
BTNXC CIT-BTNXC Datasheet
345Kb / 5P
CIT SWITCH
CH1NAS CIT-CH1NAS Datasheet
182Kb / 2P
CIT SWITCH
CS1211 CIT-CS1211 Datasheet
111Kb / 1P
CIT SWITCH
J0982AS3VDC.60 CIT-J0982AS3VDC.60 Datasheet
166Kb / 2P
CIT SWITCH
J0991AS3VDC.45 CIT-J0991AS3VDC.45 Datasheet
173Kb / 2P
CIT SWITCH
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com