Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMFL283R3S/KR Datasheet(PDF) 7 Page - Interpoint Corporation Company

Part # SMFL283R3S/KR
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMFL283R3S/KR Datasheet(HTML) 7 Page - Interpoint Corporation Company

Back Button SMFL283R3S/KR Datasheet HTML 2Page - Interpoint Corporation Company SMFL283R3S/KR Datasheet HTML 3Page - Interpoint Corporation Company SMFL283R3S/KR Datasheet HTML 4Page - Interpoint Corporation Company SMFL283R3S/KR Datasheet HTML 5Page - Interpoint Corporation Company SMFL283R3S/KR Datasheet HTML 6Page - Interpoint Corporation Company SMFL283R3S/KR Datasheet HTML 7Page - Interpoint Corporation Company SMFL283R3S/KR Datasheet HTML 8Page - Interpoint Corporation Company SMFL283R3S/KR Datasheet HTML 9Page - Interpoint Corporation Company SMFL283R3S/KR Datasheet HTML 10Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
SMFL SERIES
65 WATT
DC/DC CONVERTERS
Materials
Header Cold Rolled Steel/Nickel/Gold
Cover
Kovar/Nickel
Pins
#52 alloy/Gold
compression glass seal
CASE U
TOP VIEW
(PIN SIDE)
See Figure 18 for dimensions
1.505 max (38.23)
3.005 (76.33) max.
Angled corner indicates pin one
FIGURE 17: CASE U MAXIMUM DIMENSIONS
CAUTION
Heat from reflow or wave soldering may damage the
device. Solder pins individually with heat application not
exceeding 300°C for 10 seconds per pin.
Case dimensions in inches (mm)
Tolerance ±0.005 (0.13) for three decimal places, ±0.01
(0.2) for two decimal places unless otherwise specified
Although every effort has been made to render the case
drawings at actual size, variations in the printing process
may cause some distortion. Please refer to the numerical
dimensions for accuracy.
Angled corner
indicates pin one.
1
2
3
4
5
6
12
11
10
9
8
7
0.000
0.120 (3.05)
0.250 (6.35)
0.450 (11.43)
0.650 (16.51)
0.850 (21.59)
1.050 (26.67)
1.250 (31.75)
1.380 (35.05)
1.505 (38.23) max.
0.128 dia
(3.25).
0.040 dia
(1.02)
0.23 (5.8) Lead Length
Seam Seal
TOP VIEW CASE U
FIGURE 18: CASE U



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com