Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMFL2812S/KR Datasheet(PDF) 5 Page - Interpoint Corporation Company

Part # SMFL2812S/KR
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMFL2812S/KR Datasheet(HTML) 5 Page - Interpoint Corporation Company

  SMFL2812S/KR Datasheet HTML 1Page - Interpoint Corporation Company SMFL2812S/KR Datasheet HTML 2Page - Interpoint Corporation Company SMFL2812S/KR Datasheet HTML 3Page - Interpoint Corporation Company SMFL2812S/KR Datasheet HTML 4Page - Interpoint Corporation Company SMFL2812S/KR Datasheet HTML 5Page - Interpoint Corporation Company SMFL2812S/KR Datasheet HTML 6Page - Interpoint Corporation Company SMFL2812S/KR Datasheet HTML 7Page - Interpoint Corporation Company SMFL2812S/KR Datasheet HTML 8Page - Interpoint Corporation Company SMFL2812S/KR Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
PIN OUT
SMFL
28 05 S / K
R
Base Model
Input Voltage
Output Voltage
Screening
Number of Outputs
(S = single, D = dual)
Radiation Level
Angled corner indicates pin one.
1
2
3
4
5
6
12
11
10
9
8
7
TOP VIEW
SMFL
(Pin side, marked side)
5
SMFL SERIES
65 WATT
DC/DC CONVERTERS
MODEL NUMBERING KEY
Pin
Single Output
Dual Output
1
Positive Input
Positive Input
2
Input Common
Input Common
3
Triple (TRI)
Triple (TRI)
4
Inhibit 1 (INH1)
Inhibit 1 (INH1)
5
Sync Out
Sync Out
6
Sync In
Sync In
7
Positive Output
Positive Output
8
Output Common
Output Common
9
Sense Return
Negative Output
10
Positive Sense
No connection
11
Slave
Slave
12
Master / Inhibit 2 Master / Inhibit 2
Pin 6 should be connected to input common if
external sync (Sync In) is not used.
Sense pins must be connected to their respective
outputs if not used.
Typical Performance Curves: 25°C Tc , 28 VDC Vin, 100% load, free run, unless otherwise specified.
Output (Watts)
SMFL2805S & SMFL2805D Efficiency
60
90
85
80
75
70
10
20
30
40
50
28V
40V
65
16V
FIGURE 4
Output Power (Watts)
SMFL2812S & SMFL2812D Efficiency
60
90
85
80
75
70
10
20
30
40
50
60
40V
16V
28V
65
FIGURE 5
FIGURE 6
60
90
85
80
75
70
10
20
30
40
50
65
60
65
16V
Output Power (Watts)
SMFL2815S & SMFL2815D Efficiency
40V
28V
See Figures 17 and 18 for dimensions.
FIGURE 3: PIN OUT
SMD NUMBERS
STANDARD MICROCIRCUIT
DRAWING (SMD)
IN PROCESS
5962-9316302HXC
IN PROCESS
IN PROCESS
IN PROCESS
IN PROCESS
5962-9319302HXC
SMFL SERIES
SIMILAR PART
SMFL283R3S/HO
SMFL2805S/HO
SMFL2812S/HO
SMFL2815S/HO
SMFL2805D/HO
SMFL2812D/HO
SMFL2815D/HO
The SMD number shown is for Class H screening, non-
flanged, and no Radiation Hardness Assurance (RHA) level.
See the SMD for the numbers for other screening and radia-
tion levels. For exact specifications for an SMD product, refer
to the SMD drawing. Call your Interpoint representative for
status on the SMFL SMD releases which are “in process.”
SMDs can be downloaded from
http://www.dscc.dla.mil/programs/smcr



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com