Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S18UIARQ Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # S18UIARQ
Description  U-GAGE™ S18U Series Sensors with Analog Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

S18UIARQ Datasheet(HTML) 2 Page - Banner Engineering Corp.

  S18UIARQ Datasheet HTML 1Page - Banner Engineering Corp. S18UIARQ Datasheet HTML 2Page - Banner Engineering Corp. S18UIARQ Datasheet HTML 3Page - Banner Engineering Corp. S18UIARQ Datasheet HTML 4Page - Banner Engineering Corp. S18UIARQ Datasheet HTML 5Page - Banner Engineering Corp. S18UIARQ Datasheet HTML 6Page - Banner Engineering Corp. S18UIARQ Datasheet HTML 7Page - Banner Engineering Corp. S18UIARQ Datasheet HTML 8Page - Banner Engineering Corp. S18UIARQ Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
U-GAGE™ S18U Series Sensor — Analog Output
2
P/N 110738 rev. A
Banner Engineering Corp. • Minneapolis, MN U.S.A.
www.bannerengineering.com • Tel: 763.544.3164
Principles of Operation
Ultrasonic sensors emit one or multiple pulses of ultrasonic energy, which travel
through the air at the speed of sound. A portion of this energy reflects off the target
and travels back to the sensor. The sensor measures the total time required for the
energy to reach the target and return to the sensor. The distance to the object is then
calculated using the following formula:
D =
ct
2
To improve accuracy, an ultrasonic sensor may average the results of several pulses
before outputting a new value.
Temperature Effects
The speed of sound is dependent upon the composition, pressure and temperature of
the gas in which it is traveling. For most ultrasonic applications, the composition and
pressure of the gas are relatively fixed, while the temperature may fluctuate.
In air, the speed of sound varies with temperature according to the following
approximation:
Cm/s = 20 √273 + TC
Or, in English units:
Cft/s = 49 √460 + TF
Temperature Compensation
Changes in air temperature affect the speed of sound, which in turn affects the distance
reading measured by the sensor. An increase in air temperature shifts both sensing
window limits closer to the sensor. Conversely, a decrease in air temperature shifts
both limits farther away from the sensor. This shift is approximately 3.5% of the limit
distance for a 20° C change in temperature.
The S18U series ultrasonic sensors are temperature compensated. This reduces the
error due to temperature by about 90%. The sensor will maintain its window limits to
within 1.8% over the -20° to +60° C range.
NOTES:
• Exposure to direct sunlight can affect the sensor’s ability to accurately compensate for
changes in temperature.
• If the sensor is measuring across a temperature gradient, the compensation will be
less effective.
• The temperature warmup drift upon power-up is less than 1.7% of the sensing
distance. After 10 minutes, the apparent distance will be within 0.3% of the actual
position. After 25 minutes, the sensing distance will be stable.
D = distance from the sensor to the target
c = speed of sound in air
t = transit time for the ultrasonic pulse
Cm/s = speed of sound in meters per second
TC = temperature in °C
Cft/s = speed of sound in feet per second
TF = temperature in °F
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com