Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

083-8SP-RFX Datasheet(PDF) 2 Page - Amphenol Corporation

Part # 083-8SP-RFX
Description  UHF Connector Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

083-8SP-RFX Datasheet(HTML) 2 Page - Amphenol Corporation

  083-8SP-RFX Datasheet HTML 1Page - Amphenol Corporation 083-8SP-RFX Datasheet HTML 2Page - Amphenol Corporation 083-8SP-RFX Datasheet HTML 3Page - Amphenol Corporation 083-8SP-RFX Datasheet HTML 4Page - Amphenol Corporation 083-8SP-RFX Datasheet HTML 5Page - Amphenol Corporation 083-8SP-RFX Datasheet HTML 6Page - Amphenol Corporation 083-8SP-RFX Datasheet HTML 7Page - Amphenol Corporation 083-8SP-RFX Datasheet HTML 8Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
136
Amphenol® RF:
800-627-7100
136
Amphenol® RF:
800-627-7100
UHF
UHF
UHF Connector Series
Description
Invented in the 1930’s by an Amphenol Engineer named E. Clark Quackenbush,
UHF coaxial connectors are general purpose units developed for use in low frequency
systems from DC – 300 MHz. Invented for use in the radio industry, UHF is an acronym
for Ultra High Frequency. UHF connectors feature a threaded coupling. Because these
connectors are low-cost, the impedance is variable.
Amphenol’s commercial grade connector offering carries the part number
designation “RFX” for easy recognition. These low-cost connectors typically utilize
die cast and molded components. While performance will not be equal to the
industrial or military grade products, these connectors are ideal for use on a variety
of commercial applications.
Features/Benefits
• Optional reducing adapters accommodate a wide range of popular coaxial cables
• Solder termination types require no special assembly tools
• Crimp termination types provide a lower cost installation method
• Large-size threaded coupling is rugged design
• Non-demanding specifications and low cost
Applications
• Antennas
• Cable Assembly
• Low Frequency Applications
• Public Address Systems
• CB Radios



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com