Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7635442-01 Datasheet(PDF) 20 Page - CommScope Inc.

Part # 7635442-01
Description  ERA® Ordering Guide
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMMSCOPE [CommScope Inc.]
Direct Link  https://www.commscope.com/
Logo COMMSCOPE - CommScope Inc.

7635442-01 Datasheet(HTML) 20 Page - CommScope Inc.

Back Button 7635442-01 Datasheet HTML 16Page - CommScope Inc. 7635442-01 Datasheet HTML 17Page - CommScope Inc. 7635442-01 Datasheet HTML 18Page - CommScope Inc. 7635442-01 Datasheet HTML 19Page - CommScope Inc. 7635442-01 Datasheet HTML 20Page - CommScope Inc. 7635442-01 Datasheet HTML 21Page - CommScope Inc. 7635442-01 Datasheet HTML 22Page - CommScope Inc. 7635442-01 Datasheet HTML 23Page - CommScope Inc. 7635442-01 Datasheet HTML 24Page - CommScope Inc.  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
18
ERA Ordering Guide
For North America
Ordering Information
Description
CommScope Material ID
MUX/DEMUX Rack with 3 Slots
7818375
MUX and DEMUX without Rack, 1 Slot
2-Wavelengths
MUX (430-450)
7818377
DEMUX (430-450)
7818379
4-Wavelengths
MUX (270-330)
7818451
DEMUX (270-330)
7818452
MUX (350-410)
7818453
DEMUX (350-410)
7818454
MUX (470-530)
7818459
DEMUX (470-530)
7818470
MUX (550-610)
7818471
DEMUX (550-610)
7818472
8-Wavelengths
MUX (270-410)
7818455
DEMUX (270-410)
7818457
MUX (470-610)
7818473
DEMUX (470-610)
7818475
MUX and DEMUX with Rack
18-Wavelengths
MUX (270-610)
7818477
DEMUX (270-610)
7818479
CWDM Fiber Optical Modules - Add/Drop
CWDM Add/Drop Add1291nm/Drop1271nm
7830281
CWDM Add/Drop Add1331nm/Drop1311nm
7830283
CWDM Add/Drop Add1371nm/Drop1351nm
7830339
CWDM Add/Drop Add1411nm/Drop1391nm
7830341
CWDM Add/Drop Add1451nm/Drop1431nm
7830343
CWDM Add/Drop Add1491nm/Drop1471nm
7830345
CWDM Add/Drop Add1531nm/Drop1511nm
7830347
CWDM Add/Drop Add1571nm/Drop1551nm
7830349
CWDM Add/Drop Add1611nm/Drop1591nm
7830351
Fiber Module Mounting Kit
7832683-00
BiDi 40km Kit (Parts below are included)
A7846857
Attenuator, LC/UPC, 7dB
A7843668
10G BIDI SFP+ TX1270/RX1330 40km
A7832204
10G BIDI SFP+ TX1330/RX1270 40km
A7832206
CSFP 20km Kit (Parts below are included)
A7846858
Fiber 3dB Attenuator LC/UPC, TAA
A7843666
10G CSFP+-BiDi, TX1330/RX1270 20Km
A7845629
10G SFP+, Bi-Di, 1270nmTx/1330nmRx, 20km
A7845627
ERA Optical Modules continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com