Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

083-1R-RFX Datasheet(PDF) 3 Page - Amphenol Corporation

Part # 083-1R-RFX
Description  UHF Connector Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

083-1R-RFX Datasheet(HTML) 3 Page - Amphenol Corporation

  083-1R-RFX Datasheet HTML 1Page - Amphenol Corporation 083-1R-RFX Datasheet HTML 2Page - Amphenol Corporation 083-1R-RFX Datasheet HTML 3Page - Amphenol Corporation 083-1R-RFX Datasheet HTML 4Page - Amphenol Corporation 083-1R-RFX Datasheet HTML 5Page - Amphenol Corporation 083-1R-RFX Datasheet HTML 6Page - Amphenol Corporation 083-1R-RFX Datasheet HTML 7Page - Amphenol Corporation 083-1R-RFX Datasheet HTML 8Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
137
Amphenol® RF:
800-627-7100
UHF
UHF Specifications
Electrical
Impedance
Non-constant
Frequency range
DC - 300 Hz (usable to 500 Hz)
Voltage rating (at sea level)
≤ 500 V peak (depending on cable)
Insulation resistance
5,000 MΩ minimum
Dielectric withstanding voltage
1,000 Vrms (at sea level)
Mechanical
Mating
5/8-24 Threaded coupling
Center conductor cable affixment
Braid solder. set screw, clamp and crimp
Durability (matings)
500 cycles minimum
Environmental
Temperature range
-65°C to +165°C
- copolymer of styrene:
-55°C to +85°C
Thermal shock
MIL-STD-202, method 107, cond. A
Corrosion
MIL-STD-202, method 101, cond. B
Vibration
MIL-STD-202, method 204, cond. A
Mechanical shock
MIL-STD-202, method 213, cond. 1
Material
Body and outer contacts
Bodies: brass or zinc alloy
Male contact
Brass, silver plated
Female contact
Beryllium copper, silver plated
Crimp ferrule
Copper or brass
Other metal parts
Brass, nickel plated
Insulator
PTFE, copolymer of styrene, or mica-filled phenolic
Plug
Jack
.695 REF
.125 REF
.390/.340
.625-24NEF-2B
.453 REF
.620 REF
.085 MAX
.057 MAX
.625-24NEF-2A
UHF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com