Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DW2002 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # DW2002
Description  CONTENTS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DW2002 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button DW2002 Datasheet HTML 16Page - List of Unclassifed Manufacturers DW2002 Datasheet HTML 17Page - List of Unclassifed Manufacturers DW2002 Datasheet HTML 18Page - List of Unclassifed Manufacturers DW2002 Datasheet HTML 19Page - List of Unclassifed Manufacturers DW2002 Datasheet HTML 20Page - List of Unclassifed Manufacturers DW2002 Datasheet HTML 21Page - List of Unclassifed Manufacturers DW2002 Datasheet HTML 22Page - List of Unclassifed Manufacturers DW2002 Datasheet HTML 23Page - List of Unclassifed Manufacturers DW2002 Datasheet HTML 24Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
TYPE 1 - CUTTING WHEELS
THIN CUTOFF WHEELS
HEAVY-DUTY ACCESSORIES
41
TYPE 1 - CUTTING WHEELS
THIN CUTOFF WHEELS
CAT #
DIA.
THICKNESS ARBOR
APPLICATION
MAX RPM
Metal Cutting – Die Grinder
DW8700
2-1/2"
.035"
3/8"
Metal Cutting
30,500
DW8701
2-1/2"
.035"
1/4"
Metal Cutting
30,500
DW8702
2-1/2"
.035"
3/8"
Metal Cutting
30,500
DW8703
2 1/2"
.035"
1/4"
Metal Cutting
30,500
DW8704
3"
1/16"
1/4"
Metal Cutting
24,400
DW8705
3"
1/16"
3/8"
Metal Cutting
24,400
DW8706
3"
.035"
3/8"
Metal Cutting
24,400
DW8708
3"
.035"
1/4"
Metal Cutting
24,400
DW8709
3"
1/8"
3/8"
Metal Cutting
24,400
DW8710
3"
1/8"
1/4"
Metal Cutting
24,400
DW8711
3"
1/16"
3/8"
Metal Cutting
24,400
DW8712
3"
.035"
3/8"
Metal Cutting
24,400
DW8713
4"
1/16"
1/4"
Metal Cutting
19,000
DW8715
4"
1/16"
1/4"
Metal Cutting
19,000
DW8716
4"
1/16"
3/8"
Metal Cutting
19,000
DW8717
4"
.035"
3/8"
Metal Cutting
19,000
CAT #
DIA.
THICKNESS ARBOR
APPLICATION
MAX RPM
Metal Cutting – Die Grinder (continued)
DW8718
4"
1/8"
3/8"
Metal Cutting
19,000
DW8719
4"
1/16"
3/8"
Metal Cutting
19,000
DW8720
4"
.035"
3/8"
Metal Cutting
19,000
DW8722
4"
1/16"
5/8"
Metal Cutting
19,000
DW8723
4"
1/16"
5/8"
Metal Cutting
19,000
DW8724
4"
.035"
5/8"
Metal Cutting
19,000
Metal Cutting – Angle Grinder
DW8061
4"
.045"
5/8"
Metal Cutting
15,200
DW8062
4-1/2"
.045"
7/8"
Metal Cutting
13,300
DW8063
5"
.045"
7/8"
Metal Cutting
13,300
DW8727
6"
.045"
3/8"
Metal Cutting
13,300
DW8725
6"
.040"
7/8"
Metal Cutting
13,300
DW8726
6"
.045"
7/8"
Metal Cutting
13,300
DW8064
6"
.055"
7/8"
Metal Cutting
13,300
DW8065
7"
.055"
7/8"
Metal Cutting
8,700
METAL CUTTING STAINLESS STEEL
Type 1
C
B
A = Diameter B = Thickness C = Arbor
A
CAT #
DIA.
THICKNESS ARBOR
APPLICATION
MAX RPM
DW8071
4"
.045"
5/8"
Concrete Cutting
15,200
CAT #
DIA.
THICKNESS ARBOR
APPLICATION
MAX RPM
DW8072
4-1/2"
.045"
7/8"
Concrete Cutting
13,300
CONCRETE CUTTING
Type 1
C
B
A = Diameter B = Thickness C = Arbor
A
TYPE 1 - CUTTING WHEELS
THIN CUTOFF WHEELS
CAT #
DIA.
THICKNESS ARBOR
APPLICATION
MAX RPM
DW8080
4-1/2"
1/8"
7/8"
Stainless Steel
13,300
DW8084
7"
1/8"
7/8"
Stainless Steel
8,700
CAT #
DIA.
THICKNESS ARBOR
APPLICATION
MAX RPM
DW8086
9"
1/8"
7/8"
Stainless Steel
6,600
STAINLESS STEEL CUTTING CONTAMINANT FREE
Type 1
C
B
A = Diameter B = Thickness C = Arbor
A
TYPE 1 - CUTTING WHEELS
HIGH SPEED WHEELS
CAT #
DIA.
THICKNESS ARBOR
APPLICATION
MAX RPM
DW8020
14"
1/8"
1"
Metal Cutting
5,500
DW8021
14"
1/8"
20mm
Metal Cutting
5,500
CAT #
DIA.
THICKNESS ARBOR
APPLICATION
MAX RPM
DW8022
12"
1/8"
1"
Metal Cutting
6,400
DW8023
12"
1/8"
20mm
Metal Cutting
6,400
GENERAL PURPOSE
Type 1
C
B
A = Diameter B = Thickness C = Arbor
A
TYPE 1 - CUTTING WHEELS
HIGH SPEED WHEELS
CAT #
DIA.
THICKNESS ARBOR
APPLICATION
MAX RPM
DW8024
14"
1/8"
1"
Concrete Cutting
5,500
DW8025
14"
1/8"
20mm
Concrete Cutting
5,500
DW8026
12"
1/8"
1"
Concrete Cutting
6,400
CAT #
DIA.
THICKNESS ARBOR
APPLICATION
MAX RPM
DW8027
12"
1/8"
20mm
Concrete Cutting
6,400
DW8038
14"
3/16"
1"- pin hole
Cured Concrete
4,300
DW8039
14"
3/16"
1"- pin hole Green Concrete/Asphalt
4,300
CONCRETE/MASONRY CUTTING
Type 1
C
B
A = Diameter B = Thickness C = Arbor
A
Free of Iron,
Sulfur &
Chlorine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com