Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP4203 Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # LP4203
Description  CIT SWITCH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

LP4203 Datasheet(HTML) 1 Page - CIT Relay & Switch

  LP4203 Datasheet HTML 1Page - CIT Relay & Switch LP4203 Datasheet HTML 2Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Website: www.citswitch.com
Tel: 763-535-2339 Fax: 763-535-2194
SPECIFICATIONS
Electrical Ratings
100mA @ 30VDC
Electrical Life
100,000 cycles typical
Contact Resistance
< 50 m
Ω initial
Actuation Force
260 +/- 50gF
Actuator Travel
1.5 mm to lock
2.5 mm full travel
Dielectric Strength
1000Vrms min
Insulation Resistance
> 100M
Ω min
Operating Temperature
Storage Temperature
-40
°C to 85°C
-40
°C to 85°C
MATERIALS
←RoHS COMPLIANT
Actuator
Acetal
Housing
PBT
Cover
Acetal
Latching Pin
Stainless Steel
Spring
Stainless Steel
Contacts
Phosphor Bronze, Silver Plated
Terminals
Brass, Silver Plated
ORDERING INFORMATION
1. Series:
LP4203
LP4203
2. Actuation Force:
F260 = 260gF
F260
L
3. Latching:
N = Non-latching
L = Latching
4. Actuator Options:
Y = 3.3 square head
Z
5. Caps:
Blank = No Cap
C11
C12
C13
C14
C15
C16
C17
C18
C19
C22
C23
C24
C25
Cap Colors:
**See Cap Options for color availability
**Caps available with Y actuator only
DIMENSIONS
SCHEMATIC & PC LAYOUT
Y
LP4203


Similar Part No. - LP4203

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
LP420NMO PULSE-LP420NMO Datasheet
294Kb / 11P
Outside coupler and factory tuned whip only for KG UHF glass mount antennas
LP420NMO PULSE-LP420NMO Datasheet
395Kb / 3P
UHF 406-512 MHz
LP420NMO PULSE-LP420NMO Datasheet
294Kb / 11P
Outside coupler and factory tuned whip only for KG UHF glass mount antennas
LP420NMOW PULSE-LP420NMOW Datasheet
395Kb / 3P
UHF 406-512 MHz
More results

Similar Description - LP4203

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
CIT SWITCH
A61AS6VDC.9 CIT-A61AS6VDC.9 Datasheet
144Kb / 2P
CIT SWITCH
A111AS12VDC.60 CIT-A111AS12VDC.60 Datasheet
183Kb / 2P
CIT SWITCH
ANP11F4B CIT-ANP11F4B Datasheet
374Kb / 7P
CIT SWITCH
BNP10SBQ CIT-BNP10SBQ Datasheet
295Kb / 5P
CIT SWITCH
BTNXC CIT-BTNXC Datasheet
345Kb / 5P
CIT SWITCH
CH1NAS CIT-CH1NAS Datasheet
182Kb / 2P
CIT SWITCH
CS1211 CIT-CS1211 Datasheet
111Kb / 1P
CIT SWITCH
J0982AS3VDC.60 CIT-J0982AS3VDC.60 Datasheet
166Kb / 2P
CIT SWITCH
J0991AS3VDC.45 CIT-J0991AS3VDC.45 Datasheet
173Kb / 2P
CIT SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com